Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP137AHVSMD0S Datasheet(PDF) 3 Page - Seme LAB

Part # IP137AHVSMD0S
Description  NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP137AHVSMD0S Datasheet(HTML) 3 Page - Seme LAB

  IP137AHVSMD0S Datasheet HTML 1Page - Seme LAB IP137AHVSMD0S Datasheet HTML 2Page - Seme LAB IP137AHVSMD0S Datasheet HTML 3Page - Seme LAB IP137AHVSMD0S Datasheet HTML 4Page - Seme LAB IP137AHVSMD0S Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NEGATIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8377
Issue 2
Page 3 of 5
ELECTRICAL CHARACTERISTICS(1)(3) (TC = 25°C unless otherwise stated)
LM137A, IP137A, LM137AHV, IP137AHV
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
IOUT = 10mA
-1.238
-1.250
-1.262
VREF
Reference Voltage
10mA ≤ IOUT ≤ IMAX, P ≤ PMAX,
3V ≤ (VIN-VOUT) ≤ VMAX
-1.220 -1.250 -1.280
V
0.005
0.010
IN
OUT
V
V
Line Regulation (2)
3V ≤ (VIN-VOUT) ≤ VMAX,
IOUT = 10mA
0.010
0.030
%/V
VOUT ≤ 5V
5
25
mV
VOUT ≥ 5V
0.1
0.5
%
VOUT ≤ 5V
10
50
mV
OUT
I
OUT
V
Load Regulation (2)(3)
10mA ≤ IOUT ≤ IMAX
VOUT ≥ 5V
0.2
1.0
%
Thermal Regulation
VIN = -14.58V, IOUT = 1.5A,
PD = 20W, TA = 25°C, 10ms Pulse
0.002
0.02
%/W
VOUT = -10V
CADJ = 0
60
66
Ripple Rejection
f = 120Hz
CADJ = 10µF
70
80
dB
IADJ
Adjust Pin Current
65
100
10mA ≤ IOUT ≤ IMAX
0.2
2
3V ≤ (VIN-VOUT) ≤ 40V
1.0
5
∆IADJ
Adjust Pin Current Change
3V ≤ (VIN-VOUT) ≤ 50V (HV Series)
(HV Series)
(HV Series)
(HV Series)
2
6
µA
(VIN - VOUT) ≤ 40V
2.5
5
IMIN
Minimum Load Current
(VIN - VOUT) ≤ 10V
1.2
3
mA
(VIN - VOUT) ≤ 15V
1.5
2.2
3.2
(VIN - VOUT) = 40V
0.24
0.4
1.0
ICL
Current Limit
(VIN - VOUT) = 50V (HV Series)
(HV Series)
(HV Series)
(HV Series)
0.2
0.4
0.8
A
TEMP
OUT
V
Temperature Stability
0.6
1.5
TIME
OUT
V
Long Term Stability
TA = 125°C, 1000Hrs
0.3
1.0
en
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10KHz
0.003
%
Notes
Notes
Notes
Notes
The ● denotes the specifications which apply over the full operating temperature range.
(1)
Test conditions unless otherwise stated: VIN - VOUT = 5V, IOUT = 0.5A, PMAX = 20W, IMAX = 1.5A
(2)
Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating
effects are covered under thermal regulation specifications. Load regulation is measured at the junction of the wide and narrow portion of
the output lead.
(3)
VMAX = 40V for LM137, IP137, LM137A, IP137A
VMAX = 50V for LM137HV, IP137HV, LM137AHV, IP137AHV


Similar Part No. - IP137AHVSMD0S

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137AHVSMD05 SEME-LAB-IP137AHVSMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - IP137AHVSMD0S

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137R SEME-LAB-IP137R Datasheet
170Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR137 SSDI-SVR137 Datasheet
189Kb / 3P
   Negative Adjustable Linear Voltage Regulator
SVR004 SSDI-SVR004_15 Datasheet
101Kb / 3P
   NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
List of Unclassifed Man...
UA79HG ETC1-UA79HG Datasheet
253Kb / 4P
   5A NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
7703404YA ETC2-7703404YA Datasheet
15Kb / 3P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com