Electronic Components Datasheet Search |
|
LM137AHVK Datasheet(PDF) 2 Page - Seme LAB |
|
LM137AHVK Datasheet(HTML) 2 Page - Seme LAB |
2 / 7 page NEGATIVE ADJUSTABLE VOLTAGE REGULATOR Semelab Limited Semelab Limited Semelab Limited Semelab Limited Coventry Road, Lutterworth, Leicestershire, LE17 4JB Telephone +44 (0) 1455 556565 Fax +44 (0) 1455 552612 Email: sales@semelab-tt.com Website: http://www.semelab-tt.com Document Number 8380 Issue 1 Page 2 of 7 ELECTRICAL CHARACTERISTICS(1)(3) (TC = 25°C unless otherwise stated) LM137, IP137, LM137HV, IP137HV Symbols Parameters Test Conditions Min. Typ Max. Units IOUT = 10mA -1.225 -1.250 -1.275 VREF Reference Voltage 10mA ≤ IOUT ≤ IMAX, P ≤ PMAX, 3V ≤ (VIN-VOUT) ≤ VMAX • -1.200 -1.250 -1.300 V 0.010 0.020 IN OUT V V ∆ ∆ Line Regulation (2) 3V ≤ (VIN-VOUT) ≤ VMAX, IOUT = 10mA • 0.020 0.050 %/V VOUT ≤ 5V 15 25 mV VOUT ≥ 5V 0.3 0.5 % VOUT ≤ 5V • 20 50 mV OUT I OUT V ∆ ∆ Load Regulation (2)(3) 10mA ≤ IOUT ≤ IMAX VOUT ≥ 5V • 0.3 1.0 % Thermal Regulation VIN = -14.58V, IOUT = 1.5A, PD = 20W, TA = 25°C, 10ms Pulse 0.002 0.02 %/W VOUT = -10V CADJ = 0 60 Ripple Rejection f = 120Hz CADJ = 10µF • 66 77 dB IADJ Adjust Pin Current • 65 100 10mA ≤ IOUT ≤ IMAX • 0.5 5 3V ≤ (VIN-VOUT) ≤ 40V • 2 5 ∆IADJ Adjust Pin Current Change 3V ≤ (VIN-VOUT) ≤ 50V (HV Series) (HV Series) (HV Series) (HV Series) • 3 6 µA (VIN - VOUT) ≤ 40V • 2.5 5 IMIN Minimum Load Current (VIN - VOUT) ≤ 10V • 1.2 3 mA (VIN - VOUT) ≤ 15V • 1.5 2.2 3.2 (VIN - VOUT) = 40V • 0.24 0.4 ICL Current Limit (VIN - VOUT) = 50V (HV Series) (HV Series) (HV Series) (HV Series) • 0.2 0.4 0.8 A TEMP OUT V ∆ ∆ Temperature Stability • 0.6 TIME OUT V ∆ ∆ Long Term Stability TA = 125°C, 1000Hrs 0.3 1.0 en RMS Output Noise (% of VOUT) TA = 25°C, 10Hz ≤ f ≤ 10KHz 0.003 % Notes Notes Notes Notes The ● denotes the specifications which apply over the full operating temperature range. (1) Test conditions unless otherwise stated: VIN - VOUT = 5V, IOUT = 0.5A, PMAX = 20W, IMAX = 1.5A (2) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating effects are covered under thermal regulation specifications. Load regulation is measured at 1/ 8” below the bottom of the package. (3) VMAX = 40V for LM137, IP137, LM137A, IP137A, LM337, IP337, LM337A, IP337A VMAX = 50V for LM137HV, IP137HV, LM137AHV, IP137AHV, LM337HV, IP337HV, LM337AHV, IP337AHV |
Similar Part No. - LM137AHVK |
|
Similar Description - LM137AHVK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |