Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM8N70 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8N70
Description  700V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8N70 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM8N70 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8N70 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8N70 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8N70 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8N70 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8N70 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8N70 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8N70 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM8N70
700V N-Channel Power MOSFET
2/8
Version: A10
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
700
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 4A
RDS(ON)
--
0.75
0.85
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 700V, VGS = 0V
IDSS
--
--
1
uA
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±10
uA
Forward Transfer Conductance
VDS = 10V, ID = 4A
gfs
--
11
--
S
Dynamic
b
Total Gate Charge
VDS = 560V, ID = 8A,
VGS = 10V
Qg
--
32
--
nC
Gate-Source Charge
Qgs
--
9
--
Gate-Drain Charge
Qgd
--
8
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
2006
--
pF
Output Capacitance
Coss
--
148
--
Reverse Transfer Capacitance
Crss
--
13.7
--
Switching
c
Turn-On Delay Time
VGS = 10V, ID = 10A,
VDD = 300V, RG =25
td(on)
--
23
--
nS
Turn-On Rise Time
tr
--
69
--
Turn-Off Delay Time
td(off)
--
144
--
Turn-Off Fall Time
tf
--
77
--
Source-Drain Diode Ratings and Characteristic
Source Current
Integral reverse diode in
the MOSFET
IS
--
--
8
A
Source Current (Pulse)
ISM
--
--
32
A
Diode Forward Voltage
IS = 8A, VGS = 0V
VSD
--
--
1.4
V
Reverse Recovery Time
VGS = 0V, IS =8A,
dIF/dt = 100A/us
tfr
--
420
--
nS
Reverse Recovery Charge
Qfr
--
4.2
--
uC
Note 1: Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
Note 2: VDD = 50V, IAS=8A, L=7.74mH, RG =25 , Starting TJ=25ºC
Note 3: Pulse test: pulse width ≤300uS, duty cycle ≤2%
Note 4: Essentially Independent of Operating Temperature


Similar Part No. - TSM8N70

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM8N70CIC0 TSC-TSM8N70CIC0 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
More results

Similar Description - TSM8N70

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ12N70 DGNJDZ-NJ12N70 Datasheet
1,009Kb / 9P
   12A 700V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com