Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM1N80CWRP Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM1N80CWRP
Description  800V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM1N80CWRP Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM1N80CWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM1N80CWRP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM1N80
800V N-Channel MOSFET
2/9
Version: A10
Electrical Specifications (Ta=25
oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 1mA
BVDSS
800
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 0.15A
RDS(ON)
--
18
21.6
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
3
--
5
V
Zero Gate Voltage Drain Current
VDS = 800V, VGS = 0V
IDSS
--
--
25
uA
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±10
uA
Forward Transconductance
VDS =40V, ID = 0.1A
gfs
--
0.36
--
S
Diode Forward Voltage
IS = 0.2A, VGS = 0V
VSD
--
--
1.4
V
Dynamic
b
Total Gate Charge
VDS = 640V, ID = 0.3A,
VGS = 10V
Qg
--
5
6
nC
Gate-Source Charge
Qgs
--
1
--
Gate-Drain Charge
Qgd
--
2
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
155
200
pF
Output Capacitance
Coss
--
20
26
Reverse Transfer Capacitance
Crss
--
2.7
4
Switching
c
Turn-On Delay Time
VGS = 10V, ID = 0.3A,
VDS = 400V, RG = 25
td(on)
--
10
30
nS
Turn-On Rise Time
tr
--
20
50
Turn-Off Delay Time
td(off)
--
16
45
Turn-Off Fall Time
tf
--
25
60
Note 1: Pulse test: pulse width <=300uS, duty cycle <=2%
Note 2: (VDD = 50V, IAS=0.8A, L=170mH, RG=25 )
Note 3: For design reference only, not subject to production testing.
Note 4: Switching time is essentially independent of operating temperature.


Similar Part No. - TSM1N80CWRP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM1N80CWRPG TSC-TSM1N80CWRPG Datasheet
250Kb / 7P
   N-Channel Power MOSFET
More results

Similar Description - TSM1N80CWRP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com