Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP79M05AHX Datasheet(PDF) 2 Page - Seme LAB

Part # IP79M05AHX
Description  5 VOLT NEGATIVE VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP79M05AHX Datasheet(HTML) 2 Page - Seme LAB

  IP79M05AHX Datasheet HTML 1Page - Seme LAB IP79M05AHX Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 4.95
- 5
- 5.05
- 4.85
- 5.15
310
310
310
550
46
0.1
0.5
0.2
0.8
40
200
65
80
65
80
2
2.5
600
1200
0.7
2.4
3.3
0.5
2.0
IP79M05AHX
IP79M05AJX.
(VIN = - 7.5 to - 20V)
(VIN = - 7 to - 25V)
(VIN = - 8 to - 25V)
(VIN = 8 to 12V)
(VIN = - 8 to - 25V)
(VIN = - 8 to - 18V)
(VIN = - 8 to - 8V)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
ΔVO
ΔVO
Id
ΔIQ
VN
ΔVIN
ΔVO
ISC
IPK
IO = 100mA
VIN = 10V
IO = 5mA to 350mA
PD ≤ PMAX
Tj = –55 to +150°C
IO = 200mA
IO = 200mA
Tj = –55 to +150°C
IO = 500mA
IO = 5mA to 500mA
VIN = 10V
Tj = –55 to +150°C
IO = 350mA
VIN = 10V
Tj = –55 to +150°C
IO = 5 to 500 mA
VIN = 10V
Tj = –55 to +150°C
IO = 200mA
Tj = –55 to +150°C
f = 10Hz to 100kHz
f = 120Hz
IO = 300mA
f = 120Hz
IO = 100mA
Tj = –55 to +150°C
IO = 350mA
VIN = 35V
VIN = 10V
IO = 5mA
Output Voltage*
Line Regulation*
Load Regulation*
Quiescent Current*
Quiescent Current Change*
Output Noise Voltage
Ripple Rejection
Dropout Voltage*
Short Circuit Current*
Peak Output Current*
Average Temperature
Coefficient of Output Voltage*
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless stated)
THERMAL DATA
RTHj-case
Thermal Resistance Junction – Case
TO-39 (H Package)
20°C / W Typ.
Thermal Resistance Junction – Ambient
CERDIP (J Package)
120°C / W Typ.
RTHj-amb
Derate above 25°C
CERDIP (J Package)
8.4 mW / °C
V
mV
mV
mA
mA
mA
μV
dB
dB
V
mA
A
mV
/ °C
* Pulse Test:
tp ≤ 10ms , δ≤ 5%.
All characteristics are measured with a capacitor across the input of 0.22
μF and a capacitor across the output of 0.1μF.
Output Voltage changes due to changes in internal temperature must be taken into account separately.
Although power dissipation is internally limited, these specifications apply for up to 2W for the TO–39 package, and
1.05W for the CERDIP (J package).
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 6253
Issue 1


Similar Part No. - IP79M05AHX

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP79M05AH SEME-LAB-IP79M05AH Datasheet
32Kb / 4P
   0.5 AMP NEGATIVE VOLTAGE REGULATOR
IP79M05AH SEME-LAB-IP79M05AH Datasheet
37Kb / 4P
   0.5 AMP NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - IP79M05AHX

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
IP120AH-05 SEME-LAB-IP120AH-05 Datasheet
29Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
logo
Solitron Devices Inc.
SDP7905 SOLITRON-SDP7905 Datasheet
148Kb / 12P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 5 VOLT, NEGATIVE, FIXED, MONOLITHIC SILICON
logo
List of Unclassifed Man...
79HG ETC1-79HG Datasheet
242Kb / 2P
   NEGATIVE 5 AMP VOLTAGE REGULATOR
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Semtech Corporation
LAS79HG SEMTECH-LAS79HG Datasheet
262Kb / 5P
   5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Micropac Industries
52149 MICROPAC-52149 Datasheet
112Kb / 3P
   NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
List of Unclassifed Man...
78H12A ETC-78H12A Datasheet
153Kb / 2P
   12 VOLT 5 AMP VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-123-QL-5 DATEL-LVR-123-QL-5 Datasheet
132Kb / 1P
   5-Volt LDO Linear Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com