Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD1664CYRM Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSD1664CYRM
Description  Low Vcesat NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD1664CYRM Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSD1664CYRM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD1664CYRM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD1664CYRM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD1664CYRM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSD1664
Low Vcesat NPN Transistor
1/4
Version: B07
SOT-89
PRODUCT SUMMARY
BVCEO
32V
BVCBO
40V
IC
1A
VCE(SAT)
0.15V @ IC / IB = 500mA / 50mA
Features
Low VCE(SAT) 0.15V @ IC / IB = 500mA / 50mA (Typ.)
Complementary part with TSB1132
Structure
Epitaxial Planar Type
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSD1664CY RM
SOT-89
1Kpcs / 7” Reel
TSD1664CY RMG
SOT-89
1Kpcs / 7” Reel
Note: “G” denote for Halogen Free Product
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
32
V
Emitter-Base Voltage
VEBO
5
V
DC
1
Collector Current
Pulse
IC
2 (note1)
A
0.5
Collector Power Dissipation
PD
2 (note 2)
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw=20ms, Duty≤50%
2. When mounted on a 40 x 50 x 0.7mm ceramic board.
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 50uA, IE = 0
BVCBO
40
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
BVCEO
32
--
--
V
Emitter-Base Breakdown Voltage
IE = 50uA, IC = 0
BVEBO
5
--
--
V
Collector Cutoff Current
VCB = 20V, IE = 0
ICBO
--
--
0.5
uA
Emitter Cutoff Current
VEB = 4V, IC = 0
IEBO
--
--
0.5
uA
Collector-Emitter Saturation Voltage
IC / IB = 500mA / 50mA
VCE(SAT)
--
0.15
0.4
V
DC Current Transfer Ratio
VCE = 3V, IC = 100mA
hFE
120
--
390
Transition Frequency
VCE =5V, IC=-50mA,
f=100MHz
fT
50
150
--
MHz
Output Capacitance
VCB = 10V, IE = 0, f=1MHz
Cob
--
10
20
pF
hFE values are classified as follows:
Rank
Q
R
hFE
120~270
180~390
Pin Definition:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSD1664CYRM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD1664CY TSC-TSD1664CY Datasheet
247Kb / 5P
   Low Vcesat NPN Transistor
More results

Similar Description - TSD1664CYRM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD882 TSC-TSD882_07 Datasheet
224Kb / 4P
   Low Vcesat NPN Transistor
TSD1664 TSC-TSD1664_07 Datasheet
247Kb / 5P
   Low Vcesat NPN Transistor
TSD882S TSC-TSD882S_07 Datasheet
249Kb / 5P
   Low Vcesat NPN Transistor
TSD1857 TSC-TSD1857 Datasheet
267Kb / 5P
   Low Vcesat NPN Transistor
TSD2150A TSC-TSD2150A_11 Datasheet
117Kb / 5P
   Low Vcesat NPN Transistor
TSD882_1112 TSC-TSD882_1112 Datasheet
624Kb / 6P
   Low Vcesat NPN Transistor
TSD882 TSC-TSD882_11 Datasheet
100Kb / 4P
   Low Vcesat NPN Transistor
TSD1760 TSC-TSD1760_1 Datasheet
236Kb / 4P
   Low Vcesat NPN Transistor
TSD2444 TSC-TSD2444_1 Datasheet
340Kb / 4P
   Low Vcesat NPN Transistor
TSD2118 TSC-TSD2118 Datasheet
216Kb / 4P
   Low Vcesat NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com