Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC742A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSC742A
Description  High Voltage NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC742A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC742A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC742A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC742A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC742A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC742A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC742A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSC742A
High Voltage NPN Transistor
2/6
Version: A11
Electrical Specifications (TA = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =0.5mA
BVCBO
950
--
--
V
Collector-Emitter Breakdown Voltage
IC =5mA
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA
BVEBO
15
--
--
V
Collector Cutoff Current
VCE =400V, IB=0
ICEO
--
--
10
uA
Collector Cutoff Current
VCB =950V, IE =0
ICBO
--
--
10
uA
Collector-Emitter Saturation Voltage
IC=1A, IB =0.2A
VCE(SAT)1
---
--
0.5
V
Collector-Emitter Saturation Voltage
IC=3.5A, IB =1A
VCE(SAT)2
---
--
1.5
V
Base-Emitter Saturation Voltage
IC=3.5A, IB =1A
VBE(SAT)1
--
--
1.5
V
DC Current Gain
VCE =5V, IC = 0.1A
VCE =5V, IC = 0.5A
VCE =3V, IC = 0.8A
hFE
35
35
25
--
--
--
100
--
50
Resistive Load Switching Time (Ratings)
Rise Time
VCC =125V, IC =2A,
IB1=-IB2=-0.4A,
tP =300uS, VBE(OFF) =-5V
tr
0.17
2
uS
Storage Time
tSTG
--
--
6
uS
Fall Time
tf
--
--
0.5
uS
Notes: Pulsed duration =380uS, duty cycle ≤2%


Similar Part No. - TSC742A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC742 TSC-TSC742 Datasheet
123Kb / 4P
   High Voltage NPN Transistor
TSC742 TSC-TSC742 Datasheet
219Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
TSC742CZC0 TSC-TSC742CZC0 Datasheet
123Kb / 4P
   High Voltage NPN Transistor
TSC742CZC0 TSC-TSC742CZC0 Datasheet
219Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
TSC742 TSC-TSC742_15 Datasheet
219Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - TSC742A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com