Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB1424CXRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSB1424CXRF
Description  Low Vcesat PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSB1424CXRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSB1424CXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSB1424CXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSB1424CXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSB1424CXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSB1424CXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSB1424
Low Vcesat PNP Transistor
1/5
Version: E11
SOT-89
SOT-23
PRODUCT SUMMARY
BVCBO
-20V
BVCEO
-20V
IC
-3A
VCE(SAT)
-0.2V @ IC / IB = -2A / -100mA
Features
Low VCE(SAT) -0.2 @ IC / IB = -2A / -100mA (Typ.)
Complementary part with TSD2150
Ordering Information
Part No.
Package
Packing
TSB1424CY RM
SOT-89
1Kpcs / 7” Reel
TSB1424CY RMG
SOT-89
1Kpcs / 7” Reel
TSB1424CX RF
SOT-23
3Kpcs / 7” Reel
TSB1424CX RFG
SOT-23
3Kpcs / 7” Reel
Note: “G” denote for Halogen Free Product
Structure
Epitaxial Planar Type
PNP Silicon Transistor
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
SOT-89
SOT-23
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
DC
IC
-3
A
Pulse
-5 (note1)
Collector Power Dissipation
PD
0.6
0.3
W
2 (note 2)
1 (note 2)
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw=10ms, Duty≤50%
2. When mounted on a 40 x 50 x 0.7mm ceramic board.
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = -50uA, IE = 0
BVCBO
-20
--
--
V
Collector-Emitter Breakdown Voltage
IC = -10mA, IB = 0
BVCEO
-20
--
--
V
Emitter-Base Breakdown Voltage
IE = -50uA, IC = 0
BVEBO
-6
--
--
V
Collector Cutoff Current
VCB = -20V, IE = 0
ICBO
--
--
-0.1
uA
Emitter Cutoff Current
VEB = -5V, IC = 0
IEBO
--
--
-0.1
uA
Collector-Emitter Saturation Voltage
IC / IB = -2A / -100mA
VCE(SAT)
--
-0.2
-0.5
V
DC Current Transfer Ratio
VCE = -2V, IC = 100mA
hFE
180
--
390
Transition Frequency
VCE =-2V, IE=0.5A,
f=100MHz
fT
--
200
--
MHz
Output Capacitance
VCB = -10V, IE = 0,
f=1MHz
Cob
--
28
--
pF
Pin Definition:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSB1424CXRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1424CY TSC-TSB1424CY Datasheet
232Kb / 4P
   Low Vcesat PNP Transistor
More results

Similar Description - TSB1424CXRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB772S TSC-TSB772S_07 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB1132 TSC-TSB1132_1 Datasheet
198Kb / 4P
   Low Vcesat PNP Transistor
TSB1424 TSC-TSB1424_07 Datasheet
232Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412_11 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_13 Datasheet
106Kb / 4P
   Low Vcesat PNP Transistor
TSB1184A TSC-TSB1184A_1 Datasheet
314Kb / 4P
   Low Vcesat PNP Transistor
TSB1590 TSC-TSB1590_1 Datasheet
271Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_11 Datasheet
98Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_07 Datasheet
225Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412 Datasheet
220Kb / 4P
   Low Vcesat PNP Transistor
TSB772S TSC-TSB772S_10 Datasheet
89Kb / 4P
   Low Vcesat PNP Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com