Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS39150CMRN Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39150CMRN
Description  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39150CMRN Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39150CMRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39150CMRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39150CMRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39150CMRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39150CMRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39150CMRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39150CMRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39150CMRN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39150CMRN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS39150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
1/12
Version: D07
TO-220
TO-263
(D
2PAK)
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
TS39150/1/2/3 are 1.5A ultra low dropout linear voltage regulators that provide low voltage, high current output from
an extremely small package. These regulator offers extremely low dropout (typically 400mV at 1.5A) and very low
ground current (typically 12mA at 1.5A).
TS39150/1/2/3 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over
temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which
signals whenever the output falls out of regulation.
On the TS39150/1/2/3, the enable pin may be tied to VIN if it is not required for enable control.
Features
Dropout voltage typically 0.4V @ Io=1.5A
Output Current up to 1.5A
Low Ground Current
Extremely Fast Transient Response
Reversed Leakage & Reverse Battery Protection
Error Flag Signals Output (TS39151 only)
Internal Current Limit
Thermal Shutdown Protection
Application
PowerPC
TM Power Supplies
Battery Powered Equipment
Consumer and Personal Electronics
High Efficiency Linear Power Supplies
SMPS Post Regulator and DC to DC Modules
High-efficiency Post Regulator for Switching Supply
Low-Voltage microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS39150CZxx C0
TO-220
50pcs / Tube
TS39150CMxx RN
TO-263
800pcs / 13” Reel
TS39151CZ5xx C0
TO-220-5L
50pcs / Tube
TS39151CM5xx RN
TO-263-5L
800pcs / 13” Reel
TS39152CZ5 C0
TO-220-5L
50pcs / Tube
TS39152CM5 RN
TO-263-5L
800pcs / 13” Reel
TS39153CZ5xx C0
TO-220-5L
50pcs / Tube
TS39153CM5xx RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
18=1.8V
25=2.5V
33=3.3V
50=5.0V
Contact to factory for addition output voltage option.
Pin Description
Pin Configuration
Pin Description
Enable
TTL/COMS compatible input. Logic high is enable; logic low or open is shutdown
Input
Unregulated input: +16V maximum supply
Ground
Ground: Ground pin and TAB / heat sink are internally connected.
Output
Regulator output
Flag (fixed voltage)
Error Flag (output): Open-collector output. Active low indicates an output fault condition,
if no used, leave open.
Feed Back (adjustable)
Adjustment input: Feedback input. Connect to resistive voltage-divider network.
Pin Definition:
TS39151xx
TS39152
TS39153
1. Enable
1. Enable
1. Enable
2. Input
2. Input
2. Input
3. Ground
3. Ground
3. Ground
4. Output
4. Output
4. Output
5. Flag
5. Adjust
5. Sense
Pin Definition:
TS39150
1. Input
2. Ground (tab)
3. Output


Similar Part No. - TS39150CMRN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39150CM TSC-TS39150CM Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150CM TSC-TS39150CM Datasheet
520Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CM05 TSC-TS39150CM05 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150CM12 TSC-TS39150CM12 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150CM2.5 TSC-TS39150CM2.5 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Similar Description - TS39150CMRN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CM550 TSC-TS39501CM550 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29150 TSC-TS29150_07 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZ18 TSC-TS39150CZ18 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ518 TSC-TS39153CZ518 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ33 TSC-TS39500CZ33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com