Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS79CMRN Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS79CMRN
Description  3-Terminal Fixed Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79CMRN Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS79CMRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79CMRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79CMRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79CMRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79CMRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79CMRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79CMRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79CMRN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS7900 Series
3-Terminal Fixed Negative Voltage Regulator
2/8
Version: C07
TS7905 Electrical Characteristics
(Vin= -10V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-4.80
-5
-5.20
Output voltage
Vout
-7.5V≤Vin≤-20V, 10mA≤Iout≤1A,
PD≤15W
-4.75
-5
-5.25
V
-7.5V≤Vin≤-25V
--
3
100
Line Regulation
REGline
Tj=25
o
C
-8V≤Vin≤-12V
--
1
50
10mA≤Iout≤1A
--
15
100
Load Regulation
REGload
Tj=25
o
C
250mA≤Iout≤750mA
--
5
50
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-7.5V≤Vin≤-25V
--
--
1.3
Quiescent Current Change
ΔIq
10mA≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
40
--
µV
Ripple Rejection Ratio
RR
f=120Hz, -8V≤Vin≤-18V
62
74
--
dB
Voltage Drop
Vdrop
Iout=1A, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
750
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.1
--
mV/
oC
TS7912 Electrical Characteristics
(Vin= -19V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-11.53
-12
-12.48
Output Voltage
Vout
-14.5V≤Vin≤-27V, 10mA≤Iout≤1A,
PD ≤15W
-11.42
-12
-12.60
V
-14.5V≤Vin≤-30V
--
10
240
Line Regulation
REGline
Tj=25
oC
-15V≤Vin≤-19V
--
3
120
10mA≤Iout≤1A
--
12
240
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
120
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
4.3
8
-14.5V≤Vin≤-30V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
75
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -15V≤Vin≤-25V
55
70
--
dB
Voltage Drop
Vdrop
Iout=1A, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
350
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Similar Part No. - TS79CMRN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7900 TSC-TS7900 Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900 TSC-TS7900 Datasheet
502Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900 Datasheet
202Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900 Datasheet
252Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
More results

Similar Description - TS79CMRN

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7900B TSC-TS7900B Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_13 Datasheet
252Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_12 Datasheet
202Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A_07 Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_07 Datasheet
502Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900 TSC-TS7900 Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
logo
List of Unclassifed Man...
OM7642SM ETC2-OM7642SM Datasheet
32Kb / 4P
   SURFACE MOUNT NEGATIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com