Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5204CYRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS5204CYRF
Description  150mA Low Noise LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CYRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5204CYRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5204CYRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS5204
150mA Low Noise LDO Voltage Regulator
1/8
Version: F11
SOT-23
SOT-89
DFN 2x2
General Description
The TS5204 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage
(typically 20mV at light loads and 500mV at 150mA at 5V version), and very low power consumption (600uA at
100mA), providing high output current even when the application requires very low dropout voltage. The TS5204
series is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown and revered battery protection.
Features
Ultra Low Noise Output
Output Current up to 150mA
Low Dropout Voltage
Low Power Consumption
Internal Current Limit
Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS5204CXxx RF
SOT-23
3Kpcs / 7” Reel
TS5204CYxx RF
SOT-89
1Kpcs / 7” Reel
TS5204CQxx RF
DFN 2x2
3Kpcs / 7” Reel
Note: Where xx denotes voltage option, available are
50=5.0V, 33=3.3V, 25=2.5V
Contact factory for additional voltage options.
Application
Cellular Telephones
Palmtops, Notebook Computers
Battery Powered Equipment
Consumer and Personal Electronics
SMPS Post Regulator and DC to DC Modules
High-efficiency Linear Power Supplies
Portable Application
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-20~ +20
V
Recommend Input Supply Voltage
VIN
+2.5 ~ +16
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance
SOT-23
Ө
JA
220
oC/W
SOT-89
180
DFN 2x2
80
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Pin Definition:
1. Output
2. Input
3. Ground
Pin Definition:
1. Output
2. Ground
3. Input
Pin Definition:
1. Out
2. N/C
3. Ground
4. N/C
5. N/C
6. Input


Similar Part No. - TS5204CYRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204CY TSC-TS5204CY Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY TSC-TS5204CY Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY TSC-TS5204CY Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY TSC-TS5204CY Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CY1.8 TSC-TS5204CY1.8 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results

Similar Description - TS5204CYRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com