Part Name
         Description
BSS74

 HIGH VOLTAGE PNP SILICON TRANSISTOR ( 2 Page)


SEME-LAB
100% 
Zoom Out Zoom In
   
 2 page
background image
LAB
SEME
BSS74
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
nA
V
V
MHz
pF
ns
-200
-200
-6
-50
-500
-50
20
40
30
45
35
50
35
55
150
-0.3
-0.4
-0.8
-0.9
50
110
200
3.5
45
100
400
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
ICEO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE
DC Current Gain
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
fT
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
ton
Turn–On Time
toff
Turn–Off Time
IC = -10mA
IB = 0
IC = -100µAIE = 0
IE = 100µAIC = 0
VCB = -150V
IE = 0
VCE = -150V
IB = 0
VBE = -5V
IC = 0
VCE = -1V
IC = -0.1mA
VCE = -10V
IC = -1mA
VCE = -10V
IC = -10mA
VCE = -10V
IC = -30mA
IC = -10mA
IB = -1mA
IC = -30mA
IB = -3mA
IC = -10mA
IB = -1mA
IC = -30mA
IB = -3mA
IC = -20mA
VCE = -20V
f = 20MHz
IE = 0
VCB = -20V
f = 1MHz
IC = 0
VEB = -0.5V
f = 1MHz
IB1 = -10mA
IC = -50mA
VCC = -100V
IB2 = -10mA
IC = -50mA
VCC = -100V
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
* Pulse Test: tp ≤ 300µs , d ≤ 2%.
OFF CHARACTERISTICS
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5386
Issue 1



Html Pages

1  2 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl