Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4268CS50RL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4268CS50RL
Description  180mA Fixed-Voltage Ultra Low LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4268CS50RL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4268CS50RL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS4268
180mA Fixed-Voltage Ultra Low LDO
2/7
Version: B07
Absolute Maximum Ratings
Parameter
Symbol
min.
max.
Unit
Notes
Input
Input voltage
VIN
-30
45
V
Input current
IIN
Internally limited
Reset Output
Voltage
VRES
-0.3
7
V
Current
IRES
Internally limited
Reset Delay
Voltage
VRD
-0.3
7
V
Current
IRD
Internally limited
Watchdog
Watchdog input
VWI
-0.3
7
V
Reset Input
Reset threshold
VRT
-0.3
7
V
Output
Output voltage
VOUT
-0.3
7
V
Output current
IOUT
Internally limited
Ground
Current
IQ
-100
50
mA
Temperatures
Junction temperature
TJ
-40
150
Storage temperature
TSTG
-50
150
ºC
Operation Range
Parameter
Symbol
min.
max.
Unit
Notes
Input voltage
VIN
--
45
Junction temperature
TJ
-40
150
ºC
Thermal Resistance
Parameter
Symbol
min.
max.
Unit
Notes
Junction to ambient (soldered)
JA
--
185
(note 1)
Junction pin
JP
--
72
ºC/W
(note 2)
1. Package mounted on PCB 80 x 80 x 1.5mm3, footprint only, zero airflow.
2. Measure to pin 2
Operation at up to the maximum junction temperature of 150ºC is possible in principle. Note, however, operation at the
maximum permitted rating could be affected the reliability of the device.


Similar Part No. - TS4268CS50RL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4268CS50 TSC-TS4268CS50 Datasheet
255Kb / 7P
   180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
More results

Similar Description - TS4268CS50RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50 TSC-TS4264GCW50_14 Datasheet
123Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
   5V/150mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268 Datasheet
255Kb / 7P
   180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com