Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDS10 Datasheet(PDF) 1 Page - Seme LAB

Part # BDS10
Description  SILICON NPN EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS10 Datasheet(HTML) 1 Page - Seme LAB

  BDS10_07 Datasheet HTML 1Page - Seme LAB BDS10_07 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 3254
Issue 3
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
BDS10
BDS10SMD
BDS10SMD05
BDS11
BDS11SMD
BDS11SMD05
BDS12
BDS12SMD
BDS12SMD05
VCBO
Collector - Base voltage (IE = 0)
VCEO
Collector - Emitter voltage (IB = 0)
VEBO
Emitter - Base voltage (IC = 0)
IE , IC
Emitter , Collector current
IB
Base current
Ptot
Total power dissipation at Tcase = 25°C
Tstg
Storage Temperature
Tj
Junction Temperature
60V
80V
100V
60V
80V
100V
5V
15A
5A
43.75W
–65 to 200°C
200°C
MECHANICAL DATA
Dimensions in mm(inches)
2.54 (0.1)
BSC
3.70 Dia. Nom
1 2 3
0.8
(0.03)
2.70
(0.106)
1.0
(0.039)
4.6 (0.18)
10.6 (0.42)
3 . 6 0 ( 0 . 1 4 2 )
M a x .
3 . 7 0 ( 0 . 1 4 6 )
3 . 4 1 ( 0 . 1 3 4 )
3 . 7 0 ( 0 . 1 4 6 )
3 . 4 1 ( 0 . 1 3 4 )
0 . 8 9
( 0 . 0 3 5 )
m i n .
9 . 6 7 ( 0 . 3 8 1 )
9 . 3 8 ( 0 . 3 6 9 )
1 1 . 5 8 ( 0 . 4 5 6 )
1 1 . 2 8 ( 0 . 4 4 4 )
0 . 5 0 ( 0 . 0 2 0 )
0 . 2 6 ( 0 . 0 1 0 )
1
3
2
2
1
3
2.41 (0.095)
(0.030)
min.
0.127 (0.005)
(0.296)
3.175 (0.125)
Max.
0.50 (0.020)
max.
7.54
0.76
2.41 (0.095)
0.127 (0.005)
(0.286)
7.26
16 PLCS
0.50(0.020)
0.127 (0.005)
ABSOLUTE MAXIMUM RATINGS (T
case=25°C unless otherwise stated)
BDS10
BDS11
BDS12
SILICON NPN EPITAXIAL
BASE IN TO220 METAL AND
CERAMIC SURFACE
MOUNT PACKAGES
FEATURES
• HERMETIC METAL OR CERAMIC PACKAGES
• HIGH RELIABILITY
• MILITARY AND SPACE OPTIONS
• SCREENING TO CECC LEVELS
• FULLY ISOLATED (METAL VERSION)
APPLICATIONS
• POWER LINEAR AND SWITCHING
APPLICATIONS
• GENERAL PURPOSE POWER
SMD1 - Ceramic Surface Mount Package (TO-276AB)
SMD05 - Ceramic Surface Mount Package (TO-276AA)
Pin 1 – Base
Pin 2 – Collector
Pin 3 – Emitter
TO220M - TO220 Metal Package - Isolated (TO-257AB)


Similar Part No. - BDS10_07

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS10IG SEME-LAB-BDS10IG Datasheet
14Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO257 METAL PACKAGE
BDS10SMD SEME-LAB-BDS10SMD Datasheet
20Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
More results

Similar Description - BDS10_07

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDS16 SEME-LAB-BDS16 Datasheet
21Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS16 SEME-LAB-BDS16_07 Datasheet
47Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD CERAMIC SURFACE MOUNT PACKAGES
BDS10 SEME-LAB-BDS10 Datasheet
20Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS13 SEME-LAB-BDS13_07 Datasheet
44Kb / 2P
   SILICON PNP EPITAXIAL BASE IN TO220 METAL AND CERAMIC SURFACE MOUNT PACKAGES
BDS13 SEME-LAB-BDS13 Datasheet
20Kb / 2P
   SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS20 SEME-LAB-BDS20 Datasheet
20Kb / 2P
   SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS18 SEME-LAB-BDS18 Datasheet
69Kb / 3P
   SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
2N5337A-220M SEME-LAB-2N5337A-220M Datasheet
16Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO220 METAL PACKAGE
BDS10IG SEME-LAB-BDS10IG Datasheet
14Kb / 2P
   SILICON NPN EPITAXIAL BASE IN TO257 METAL PACKAGE
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com