Part Name
         Description
TS1123CX5RF

 Ultra Low Dropout Voltage Regulator Driver with Enable Function ( 4 Page)


TSC
100% 
Zoom Out Zoom In
   
 1 page
background image
TS1123
Ultra Low Dropout Voltage Regulator Driver
with Enable Function
1/4
Version: B07
SOT-25
General Description
TS1123 is a low dropout voltage regulator driver for various electronic equipments. It provides constant voltage power
source with SOT-25 package. TS1123 with external PNP transistor can drive output current up to 4A, quiescent
current is typically at 5mA. Further more, the quiescent current is smaller when the regulator is in the dropout mode
(VIN<5.5V). TS1123 has various functions such as a over current protection, thermal shutdown and an output enable
function.
Features
Ultra Low Dropout performance 0.5Vmax.
Over Current Protection & Thermal Shutdown
Short Circuit Protection
Output Enable Function
±2.4% Typical Total output
Block Diagram
Ordering Information
Part No.
Package
Packing
TS1123CX5xx RF
SOT-25
3Kpcs / 7” Reel
Note: Where xx denotes voltage option,
33=3.3V
50=5.0V
80=8.0V
90=9.0V
12=12V
15=15V
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Input Voltage
VIN
35
V
Enable Voltage
VEN
35
V
Output Current
IOUT
200
mA
Power Dissipation
PD
Internal Limited
Junction Temperature
TJ
+150
ºC
Operating Temperature Range
TOPR
-40 ~ +125
ºC
Storage Temperature Range
TSTG
-65 ~ +150
ºC
Pin Definition:
1. Output
2. Ground
3. Enable
4. Input
5. Drive



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl