Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS317CZC0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS317CZC0
Description  3-Terminal Adjustable Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317CZC0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS317CZC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS317CZC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317CZC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317CZC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317CZC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317CZC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS317CZC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS317CZC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS317CZC0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TS317
3-Terminal Adjustable Positive Voltage Regulator
1/14
Version: D07
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
SOT-223
General Description
The TS317 is adjustable 3-terminal positive voltage regulator capable of supplying in excess of 1.5A over an output
voltage range of 1.25 V to 37 V. This voltage regulator is exceptionally easy to use and require only two external
resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area
compensation, making it essentially blow-out proof.
Features
Output Voltage Range 1.25 to 37V
Output current
- TO-220/TO-263 up to 1.5A
- TO-252/SOT-223 up to 500mA
Eliminates Stocking Many Fixed Voltages
Internal Thermal Overload Protection
Current Limit Constant with Temperature
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Floating Operation for High Voltage Applications
Standard Application Circuit
Ordering Information
Part No.
Package
Packing
TS317CZ C0
TO-220
50pcs / Tube
TS317CM RN
TO-263
800pcs / 13” Reel
TS317CP RO
TO-252
2.5Kpcs / 13” Reel
TS317CW RP
SOT-223
2.5Kpcs / 13” Reel
Cin is required if regulator is located an appreciable
distance from power supply filter.
Co is not needed for stability, however, it does improve
transient response.
Vout = 1.25 V(1 + R2 / R1 ) + IAdjR2
Since IAdj is controlled to less than 100 µA, the error
associated
with
this
term
is
negligible
in
most
applications
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
40
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Pin Definition:
1. Adjustable
2. Output
3. Input
Heatsink is connected to Pin 2


Similar Part No. - TS317CZC0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS317CZ ETC-TS317CZ Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317CZ TSC-TS317CZ Datasheet
401Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results

Similar Description - TS317CZC0

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
First Components Intern...
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com