Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6794 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6794
Description  N?밅HANNEL ENHANCEMENT MODE POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6794 Datasheet(HTML) 1 Page - Seme LAB

  2N6794_01 Datasheet HTML 1Page - Seme LAB 2N6794_01 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
2N6794
Document Number 3094
Issue: 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = 10V , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = 10V , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
EAS
Single Pulse Avalanche Energy 2
dv/dt
Peak Diode Recovery 3
TJ , Tstg
Operating and Storage Temperature Range
RθJC
Thermal Resistance Junction to Case
RθJA
Thermal Resistance Junction-to-Ambient
±20V
1.5A
1A
6.5A
20W
0.16W/°C
0.11mJ
3.5V/ns
–55 to 150°C
6.25°C/W
175°C/W
MECHANICAL DATA
Dimensions in mm (inches)
0.89
(0.035)
max.
12.70
(0.500)
min.
4.06 (0.16)
4.57 (0.18)
8.64 (0.34)
9.40 (0.37)
8.01 (0.315)
9.01 (0.355)
0.41 (0.016)
0.53 (0.021)
dia.
0.74 (0.029)
1.14 (0.045)
0.71 (0.028)
0.53 (0.021)
2.54
(0.100)
5.08 (0.200)
typ.
45°
1
2
3
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TO39 – Package (TO-205AF)
Notes
1) Pulse Test: Pulse Width
≤ 300µs, δ≤ 2%
2) @ VDD = 50V , L ≥ 0.100mH , RG = 25Ω , Peak IL = 1.5A , Starting TJ = 25°C
3) @ ISD ≤ 1.5A , di/dt ≤ 50A/µs , VDD ≤ BVDSS , TJ ≤ 150°C , SUGGESTED RG = 7.5Ω
N–CHANNEL ENHANCEMENT
MODE POWER MOSFET
FEATURES
• AVALANCHE ENERGY RATED
• HERMETICALLY SEALED
• DYNAMIC dv/dt RATING
• SIMPLE DRIVE REQUIREMENTS
Pin 1 – Source
Pin 2 – Gate
Pin 3 – Drain
BVDSS
500V
ID(cont)
1.5
RDS(on)
3.0
Underside View


Similar Part No. - 2N6794_01

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6794LCC4 SEME-LAB-2N6794LCC4 Datasheet
25Kb / 2P
   N?밅HANNEL POWER MOSFET
More results

Similar Description - 2N6794_01

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6782 SEME-LAB-2N6782_01 Datasheet
57Kb / 2P
   N?밅HANNEL POWER MOSFET ENHANCEMENT MODE
ZVN2106B SEME-LAB-ZVN2106B Datasheet
105Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
SML2308CSM4 SEME-LAB-SML2308CSM4 Datasheet
21Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6660CSM4_0809 SEME-LAB-2N6660CSM4_0809 Datasheet
135Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOSFET
2N6800LCC4 SEME-LAB-2N6800LCC4 Datasheet
102Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE
2N6661DCSM SEME-LAB-2N6661DCSM Datasheet
41Kb / 2P
   DUAL N?밅HANNEL ENHANCEMENT MODE
SML50A21 SEME-LAB-SML50A21_07 Datasheet
46Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML50A23 SEME-LAB-SML50A23 Datasheet
25Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
2N7000CSM SEME-LAB-2N7000CSM_06 Datasheet
48Kb / 2P
   N?밅HANNEL ENHANCEMENT MODE MOS TRANSISTOR
2N6790 SEME-LAB-2N6790 Datasheet
45Kb / 2P
   N?밅HANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com