Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCM-S01602DSF-C Datasheet(PDF) 2 Page - LUMEX INC.

Part # LCM-S01602DSF-C
Description  16x2 LCD, 5x8 DOT MATRIX, STN, TRANSFLECTIVE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LCM-S01602DSF-C Datasheet(HTML) 2 Page - LUMEX INC.

  LCM-S01602DSF-C Datasheet HTML 1Page - LUMEX INC. LCM-S01602DSF-C Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - LCM-S01602DSF-C

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCM-S01602DSF-C LUMEX-LCM-S01602DSF-C_17 Datasheet
175Kb / 2P
   16 X 2 LCD, 5 X 8 DOT MATRIX
More results

Similar Description - LCM-S01602DSF-C

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCM-S01602DSFC LUMEX-LCM-S01602DSFC Datasheet
175Kb / 2P
   16x2 LCD, 5x8 DOT MATRIX, STN, TRANSFLECTIVE BACKLIGHT, 1/16 DUTY, 1/5 BIAS.
LCM-X01602DXX-B LUMEX-LCM-X01602DXX-B Datasheet
97Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S01602DXX-A LUMEX-LCM-S01602DXX-A Datasheet
125Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S01602DXX-B LUMEX-LCM-S01602DXX-B Datasheet
97Kb / 2P
   5.56mm CHARACTER HEIGHT , 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S01602DSR-A LUMEX-LCM-S01602DSR-A Datasheet
240Kb / 2P
   5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-H01601DSF LUMEX-LCM-H01601DSF Datasheet
245Kb / 2P
   6.56mm CHAR, HEIGHT, 5x8 dot MATRIX, 16x1 LCD MODULE, STN, TRANSFLECTIVE, WITH LED BACKLIGHT
LCM-S01602DXX-D LUMEX-LCM-S01602DXX-D Datasheet
94Kb / 2P
   9.63mm CHARACTER HEIGHT , 16x2 CHARACTERS, 5x8 DOT MATRIX LCD MODULE
LOD-H01602DP-W LUMEX-LOD-H01602DP-W Datasheet
117Kb / 2P
   5.57mm CHARACTER HEIGHT, 5x8 DOT MATRIX, OLED 16x2 LCD MODULE
LCM-H02002DSF-Y LUMEX-LCM-H02002DSF-Y Datasheet
93Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
LCM-H02002DTF LUMEX-LCM-H02002DTF Datasheet
159Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com