Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5415CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5415CSM4
Description  SILICON PLANAR EPITAXIAL PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5415CSM4 Datasheet(HTML) 2 Page - Seme LAB

  2N5415CSM4 Datasheet HTML 1Page - Seme LAB 2N5415CSM4 Datasheet HTML 2Page - Seme LAB 2N5415CSM4 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR
EPITAXIAL PNP TRANSISTOR
2N5415CSM4, 2N5416CSM4
Se
Se
Se
Semelab Limited
melab Limited
melab Limited
melab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9226
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
IC = -10mA
2N5415
2N5415
2N5415
2N5415
-200
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = -10mA
2N5416
2N5416
2N5416
2N5416
-300
RBE = 50Ω
V(BR)CER
(1)
Collector-Emitter
Breakdown Voltage
IC = -50mA
2N5416
2N5416
2N5416
2N5416
-350
V
ICEO
(1)
Collector Cut-off Current
IB = 0
VCE = -150V
-50
VCB = -175V
2N5415
2N5415
2N5415
2N5415
-50
ICBO
(1)
Collector-Base Cut-off
Current
VCB = -280V
2N5416
2N5416
2N5416
2N5416
-50
VEB = -4V
2N5415
2N5415
2N5415
2N5415
-20
IEBO
(1)
Emitter Cut-off Current
VEB = -6V
2N5416
2N5416
2N5416
2N5416
-20
µA
VCE(sat)
Collector-Emitter
Saturation Voltage
IC = -50mA
IB = -5mA
-0.5
VBE
(1)
Base-Emitter Voltage
IC = -50mA
VCE = -10V
-1.5
V
IC = -50mA
VCE = -10V
2N5415
2N5415
2N5415
2N5415
30
150
IC = -50mA
hFE
(1)
DC Current Gain
VCE = -10V
2N5416
2N5416
2N5416
2N5416
30
120
-
DYNAMIC CHARACTERISTICS
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
fT
Transition Frequency
IC = -10mA VCE = -10V f =5MHz
15
MHz
Cobo
Output Capacitance
VCB = -10V
IE = 0
f =1.0MHz
25
pF
hfe
Small Signal Current Gain
IC = -5mA
VCE = -10V f =1.0kHz
25
-
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%


Similar Part No. - 2N5415CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5415CSM4 SEME-LAB-2N5415CSM4 Datasheet
16Kb / 2P
   PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Similar Description - 2N5415CSM4

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com