Part Name
         Description
2N5405

 SMALL SIGNAL PNP TRANSISTORS IN TO-5 ( 2 Page)


SEME-LAB
100% 
Zoom Out Zoom In
   
 1 page
background image
2N5404
2N5405
2N5406
2N5407
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 3075
Issue 1
APPLICATIONS
Small signal PNP transistors for relay
switching resistor logic circuits and
general purpose applications.
BVCBO
Collector – Base Breakdown Voltage
BVCEO
Collector – Emitter Breakdown Voltage
BVEBO
Emitter – Base Breakdown Voltage
IC(Max)
Collector Current
IB(Max)
Base Current
PTOT
Total Power Dissipation (100°C Case)
TSTG , TJ
Operating and Storage Temperature
Range
– 80V
– 80V
– 6V
– 5A
– 2A
5W
– 100V
– 100V
–6V
-5A
– 2A
5W
– 80V
– 80V
– 6V
– 5A
– 2A
5W
– 100V
– 100V
–6V
-5A
– 2A
5W
MECHANICAL DATA
Dimensions in mm
8.89 (0.35)
8.51 (0.335)
12.70
(0.500)
min.
4.19 (0.165)
4.95 (0.195)
0.89
(0.035)
max.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
3
2
1
7.75 (0.305)
9.40 (0.37)
TO-5
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
SMALL SIGNAL
PNP TRANSISTORS
IN TO-5
Pin1 - Emitter
Pin2 - Base
Pin3 - Collector
2N5404
2N5405
2N5406
2N5407
– 65°C to +200°C



Html Pages

1  2 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl