Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQ14X03E Datasheet(PDF) 1 Page - Sharp Corporation

Part # LQ14X03E
Description  Color TFT-LCD Module for OA/Multimedia[High brightness type](Desktop PC/Monitor)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ14X03E Datasheet(HTML) 1 Page - Sharp Corporation

  LQ14X03E Datasheet HTML 1Page - Sharp Corporation LQ14X03E Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Color TFT-LCD Module for OA/Multimedia
[High brightness type]
LQ14X03E
(Desktop PC/Monitor)
Features
n
35 cm [13.8"] XGA format
n
Wide viewing angle : L/R 120
∞U/D 90∞
n
High brightness (200 cd/m2)
Specifications
Parameter
Unit
Parameter
Unit
Display size
35[13.8]
cm [ "]
Brightness
200
cd/m2
Dot format (H x V)
1024 x RGB x 768
dot
Contrast ratio
300 : 1
-
Dot pitch (H x V)
0.091 x 0.273
mm
Power consumption panel
9.0
W
Active area (H x V)
279.6 x 209.7
mm
& backlight
Color
262 144
-
Outline dimensions (W x H x D) 330.0 x 242.0 x 16.0
mm
Input signal
6-bit Digital RGB
-
Weight
1 130
g
Viewing direction
6:00
-
Operating temperature
0 to + 50
∞C
Backlight type
2CCFT(E)
-
Storage temperature
-25 to + 60
∞C
Outline Dimensions
unit : mm
CN2
65
1
3
HOT : PINK
GND : WHITE
1
3
6.5
3
16
CN2
65
279.552X209.664
ACTIVE AREA
322
330
4
5) OBLIQUITY OF DISPLAY AREA I E - F I < 0.8
1) TOLERANCE X-DIRECTION A : 3.8
2) TOLERANCE X-DIRECTION B : 3.8
3) TOLERANCE Y-DIRECTION C : 2.5
4) TOLERANCE Y-DIRECTION D : 2.5
ACTIVE AREA
BEZEL OPENING AREA
B
A
0.5
2
59
CN1
60
4
FLAT AREA
160
287.2X214.6
BEZEL OPENING AREA
GND : WHITE
HOT : PINK
ACTIVE AREA CENTER


Similar Part No. - LQ14X03E

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ14D412 SHARP-LQ14D412 Datasheet
557Kb / 19P
   TENRI LIQUID CRYSTAL DISPLAY GROUP SHARP CORPORATION SPECIFICATION
More results

Similar Description - LQ14X03E

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ13X21 SHARP-LQ13X21 Datasheet
44Kb / 1P
   Color TFT-LCD Module for OA/Multimedia[High brightness type](Desktop PC/Monitor)
LQ13X31 SHARP-LQ13X31 Datasheet
44Kb / 1P
   Color TFT-LCD Module for OA/Multimedia[High brightness type](Desktop PC/Monitor)
LQ12X12 SHARP-LQ12X12 Datasheet
54Kb / 1P
   Color TFT- LCD Module for OA/Multimedia[High brightness type](Desktop PC/Monitor)
LQ15X01W SHARP-LQ15X01W Datasheet
56Kb / 2P
   Color TFT-LCD Module for OA/Multimedia use[High brightness type](Desktop PC/Monitor)
LQ181E1DG01 SHARP-LQ181E1DG01 Datasheet
44Kb / 2P
   Color TFT-LCD Module for OA/Multimedia use(Desktop PC/Monitor)
LQ150X1DG11 SHARP-LQ150X1DG11 Datasheet
16Kb / 1P
   Color TFT-LCD Module[High brightness type](Desktop PC/Monitor)
LQ12X51 SHARP-LQ12X51 Datasheet
85Kb / 1P
   Color TFT- LCD Module for OA/Multimedia(Notebook PC)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
   Color TFT-LCD Module(Desktop PC/Monitor)
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
   Color TFT-LCD Module(Desktop PC /Monitor)
LM14X82 SHARP-LM14X82 Datasheet
24Kb / 1P
   Color STN-LCD Module(Desktop PC/Monitor)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com