Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF1630 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRF1630
Description  16.0AMPS. Isolated Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRF1630 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRF1630 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRF1630 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File #E-326243
For surface mounted application
Low power loss, high efficiency
High current capability, Low VF
High reliability
Epitaxial construction
Guard-ring for transient protection
SRF16XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SRF
1620
SRF
1630
SRF
1640
SRF
1650
SRF
1660
SRF
1690
SRF
16100
SRF
16150
Unit
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Note1: Pulse Test with PW=300u sec, 1% Duty cycle
Note2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 8A
VF
0.55
0.70
0.90
1.00
V
300
112
Version:F11
2.5
4
- 65 to + 125
- 65 to + 150
Typical Junction Capacitance (Note 2)
Operating Temperature Range
mA
0.1
IR
0.5
-
5
-
480
Mechanical Data
Features
Maximum Repetitive Peak Reverse Voltage
Epoxy: UL 94V-0 rate flame retardant
Case: ITO-220AB molded plastic
High temperature soldering guaranteed: 260℃/10s
.25"(6.35mm) from case
Terminals: Pure tin plated, lead solderable per
MIL-STD-750, Method 2026 guaranteed
Polarity: As marked
Mounting torque:5 in - 1lbs. Max.
Green compound with suffix "G" on packing
code & prefix "G" on datecode
SRF1620 - SRF16150
16.0AMPS. Isolated Schottky Barrier Rectifiers
Marking Diagram
ITO-220AB
Dimensions in inches and (millimeters)
Weight: 1.75 grams
Typical Thermal Resistance
Type Number
Maximum Average Forward Rectified Current
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=100 ℃
T A=125℃
Storage Temperature Range
- 65 to + 150
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
10
Maximum RMS Voltage
Maximum DC Blocking Voltage
16
IFSM
200
15
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SRF1630

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SRF1630 CHENYI-SRF1630 Datasheet
138Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF1630 TSC-SRF1630 Datasheet
112Kb / 2P
   Isolation 16.0 AMPS. Schottky Barrier Rectifiers
SRF1630 TSC-SRF1630 Datasheet
205Kb / 2P
   Isolated 16.0 AMPS. Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SRF1630 MIC-SRF1630 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SRF1630 JINANJINGHENG-SRF1630 Datasheet
74Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRF1630

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1620 TSC-SR1620_11 Datasheet
187Kb / 2P
   16.0AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_13 Datasheet
245Kb / 3P
   16.0AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_11 Datasheet
200Kb / 2P
   16.0AMPS. Schottky Barrier Rectifiers
MBRS1635 TSC-MBRS1635_13 Datasheet
264Kb / 4P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
SR1620 TSC-SR1620_13 Datasheet
224Kb / 3P
   16.0AMPS. Schottky Barrier Rectifiers High reliabbility
MBRS1635 TSC-MBRS1635_11 Datasheet
164Kb / 2P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1620 TSC-SRS1620_11 Datasheet
126Kb / 2P
   16.0Amps Surface Mount Schottky Barrier Rectifiers
MURF1620CT TSC-MURF1620CT_11 Datasheet
177Kb / 2P
   16.0AMPS. Isolated Switchmode Power Rectifiers
MURF1620CT TSC-MURF1620CT_13 Datasheet
412Kb / 3P
   16.0AMPS. Isolated Switchmode Power Rectifiers
MBRF2035 TSC-MBRF2035_14 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com