Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6260 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6260
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6260 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6260 Datasheet HTML 1Page - MOSA ELECTRONICS MS6260 Datasheet HTML 2Page - MOSA ELECTRONICS MS6260 Datasheet HTML 3Page - MOSA ELECTRONICS MS6260 Datasheet HTML 4Page - MOSA ELECTRONICS MS6260 Datasheet HTML 5Page - MOSA ELECTRONICS MS6260 Datasheet HTML 6Page - MOSA ELECTRONICS MS6260 Datasheet HTML 7Page - MOSA ELECTRONICS MS6260 Datasheet HTML 8Page - MOSA ELECTRONICS MS6260 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MOSA
MS6260
Gain And Attenuation Volume Controller IC
REV 3
1
www.mosanalog.com
Gain and Attenuation Volume Controller IC
One Set of Stereo Input, Low voltage
Gain and Attenuation 15~-79dB, Good PSRR
FEATURES
‧Operation range: 2.7V~6.5V
‧Low power consumption
‧Gain/Attenuation: 15dB to –79dB at 1dB/step
‧Good PSRR and low pop noise
‧Housed in 10 pin MSOP package
‧I
2C interface
APPLICATIONS
‧Multimedia system
‧Hi-Fi audio system
‧MP3, PDA
DESCRIPTION
The MS6260 is the stereo audio volume controller IC. It uses CMOS technology specially for the low voltage
application with low noise, rail-to-rail output. The MS6260 provide an I
2C control interface with gain / attenuation
range of 15dB to –79dB, 1dB/step. The excellent power supply ripple reject is a good for audio system. The initial
condition is set to be maximum attenuation –79dB and mute on mode when power on.
BLOCK DIAGRAM
R-IN
REF
SDA
SCL
R- OUT
L- OUT
I
2 C Interface
-10dB/ Step
-1dB/ Step
1dB/ Step
Serial Bus Decoder and Latches
Reference
Circuit
1dB/ Step
-1dB/ Step
-10dB/ Step
Mute
Control
Attenuation0~-79dB
Gain0~15dB
Gain0~15dB
Attenuation0~-79dB
L-IN
Vref


Similar Part No. - MS6260

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260MGTR MOSA-MS6260MGTR Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260MGU MOSA-MS6260MGU Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260MTR MOSA-MS6260MTR Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260MU MOSA-MS6260MU Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
More results

Similar Description - MS6260

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
List of Unclassifed Man...
MS6257 ETC-MS6257 Datasheet
356Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
   6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
   3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com