Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6260 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6260
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6260 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

Back Button MS6260_1 Datasheet HTML 2Page - MOSA ELECTRONICS MS6260_1 Datasheet HTML 3Page - MOSA ELECTRONICS MS6260_1 Datasheet HTML 4Page - MOSA ELECTRONICS MS6260_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6260_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6260_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6260_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6260_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6260_1 Datasheet HTML 10Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MOSA
MS6260
Gain And Attenuation Volume Controller IC
REV 3
6
www.mosanalog.com
Acknowledge
During the Acknowledge clock pulse, the master (up) put a resistive HIGH level on the SDA line. The peripheral
(audio processor) that acknowledges has to pull-down (LOW) the SDA line during the Acknowledge clock pulse so that
the SDA line is in a stable LOW state during this clock pulse. Please refer to the diagram below.
SCL
SDA
MSB
Acknowledge
12
3
7
8
9
Start
The audio processor that has been addressed has to generate an Acknowledge after receiving each byte, otherwise,
the SDA line will remain at the HIGH level during the ninth (9
th) clock pulse. In this case, the master transmitter can
generate the STOP information in order to abort the transfer.
Timing of SDA and SCL bus lines
tf
S
tLOW
tHD;STA
tr
tHD;DAT
tSU;DAT
tf
tHIGH
tHD;STA
tSU;STA
Sr
S
P
tSP
tSU;STO
tr
tBUF
SDA
SCL
Standard mode
Symbol
Parameter
Min
Max
Unit
fSCL
SCL clock frequency
0
100
kHz
tHD:STA
Hold time (repeated) START condition.
After this period, the first clock pulse is generated
4.0
-
us
tLOW
LOW period of the SCL clock
4.7
-
us
tHIGH
HIGH period of the SCL clock
4.0
-
us
tSU:STA
Set-up time for a repeated START condition
4.7
-
us
tHD:DAT
Data hold time:
For I
2C-bus devices
0
3.45
us
tSU:DAT
Data-set-up time
250
-
ns
tr
Rise time of both SDA and SCL signals
-
1000
ns
tf
Fall time of both SDA and SCL signals
-
300
ns
tSU:STO
Set-up time for STOP condition
4.0
-
us
tBUF
Bus free time between a STOP and START condition
4.7
-
us
Cb
Capacitive load for each bus line
-
400
pF
VnL
Noise margin at the LOW level for each connected device (including
hysteresis)
0.1VDD
-
V
VnH
Noise margin at the HIGH level for each connected device (including
hysteresis)
0.2VDD
-
V


Similar Part No. - MS6260_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6260MGTR MOSA-MS6260MGTR Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260MGU MOSA-MS6260MGU Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260MTR MOSA-MS6260MTR Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260MU MOSA-MS6260MU Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
More results

Similar Description - MS6260_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
List of Unclassifed Man...
MS6257 ETC-MS6257 Datasheet
356Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
   6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
   3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com