Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6258 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6258
Description  Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6258 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6258_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 10Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 11Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 13Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 14Page - MOSA ELECTRONICS MS6258_1 Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MOSA
MS6258
Gain And Attenuation Volume Controller IC
REV 6
11
www.mosanalog.com
An example of the volume control.
(Volume = Ax + Bx + Cx)
Set two channels at 0dB.
(Ax + Bx + Cx
=
0dB + 0dB + 0dB)
next, the volume changes from 0dB to -9dB.
(Ax + Bx + Cx = -9dB + 0dB + 0dB)
next, the volume changes from -9dB to -19dB.
(Ax + Bx + Cx = -9dB + -10dB + 0dB)
next, the volume changes from -19dB to -20dB.
(Ax + Bx + Cx = 0dB + -20dB + 0dB)
next, the volume changes from -20dB to -14dB.
(Ax + Bx + Cx = 0dB + -20dB + 6dB)
next, the volume changes from -14dB to +6dB.
(Ax + Bx + Cx = 0dB + 0dB + 6dB)
Note: We suggest the gain is set as the power is up. For example, set and fix the gain +10dB, the volume range will be
controlled from +10dB to –69dB.
ACK
Start
MS6258 Address
Stop
11
10
1
0
00
ACK
2-ch, -10dB/step, -20dB
110
1
00
00
ACK
2-ch, -1dB/step, 0dB


Similar Part No. - MS6258_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6258GTR MOSA-MS6258GTR Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258GU MOSA-MS6258GU Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258SSGTR MOSA-MS6258SSGTR Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258SSGU MOSA-MS6258SSGU Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258SSTR MOSA-MS6258SSTR Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
More results

Similar Description - MS6258_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
List of Unclassifed Man...
MS6257 ETC-MS6257 Datasheet
356Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
   6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
   3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com