Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3637CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3637CSM
Description  PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3637CSM Datasheet(HTML) 2 Page - Seme LAB

  2N3637CSM Datasheet HTML 1Page - Seme LAB 2N3637CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
-175
-175
-5.0
-50
-100
80
90
100
100
300
50
-0.3
-0.5
-0.8
-0.65
-0.9
100
10
75
200
1200
3.0
80
320
200
3.0
400
600
BVCEO
Collector–Emitter Breakdown Voltage1
BVCBO
Collector – Base Breakdown Voltage
BVEBO
Emitter – Base Breakdown Voltage
IEBO
Emitter Cut-off Current
ICBO
Collector Cut-off Current
hFE
DC Current Gain
VCE(sat)
Collector – Emitter Saturation Voltage1
VBE(sat)
Base – Emitter Saturation Voltage
ft
Current Gain Bandwidth Product
Cob
Output Capacitance
Cib
Input Capacitance
hie
Input Impedance
hre
Voltage Feedback Ratio
hfe
Small Signal Current Gain
hoe
Output Admittance
NF
ton
Turn–On Time
toff
Turn–Off Time
IC = -10mA
IB = 0
IC = -100μAIE = 0
IC = 0
IE = -10μA
VBE = -3.0V
IC = 0
VCB = -100V
IE = 0
IC = -0.1mA
VCE = -10V
IC = -1.0mA
VCE = -10V
IC = -10mA
VCE = -10V
IC = -50mA
VCE = -10V
IC = -150mA
VCE = -10V
IC = -10mA
IB = -1.0mA
IC = -50mA
IB = -5mA
IC = -10mA
IB = -1.0mA
IC = -50mA
IB = -5mA
VCE = -30V
IC = -30mA
f = 100MHz
VCB = -20V
IE = 0
f = 100kHz
VBE = 1.0V
IC = 0
f = 100kHz
VCE = -10V
IC = -10mA
f = 1.0kHz
VCE = -10V
IC = -0.5mA
RS = 1.0Ω
f = 1.0kHz
VCC = -100V
VBE = 4.0V
IC = -50mA IB1 = IB2 =-5mA
V
nA
V
V
MHz
pF
pF
Ω
x10-4
μmhos
dB
ns
OFF CHARACTERISTICS
2N3637CSM
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 300
μs ,Duty Cycle < 2%
ON CHARACTERISTICS
SWITCHING CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
Document Number 6529
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - 2N3637CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3637CSM SEME-LAB-2N3637CSM Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Similar Description - 2N3637CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3637CSM SEME-LAB-2N3637CSM Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
   PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N5415CSM4 SEME-LAB-2N5415CSM4 Datasheet
16Kb / 2P
   PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3250CSM SEME-LAB-2N3250CSM Datasheet
27Kb / 2P
   GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX17CSM SEME-LAB-BCX17CSM Datasheet
16Kb / 2P
   GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3209CSM SEME-LAB-2N3209CSM Datasheet
20Kb / 2P
   HIGH SPEED, PNP, SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
   NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N869AXCSM SEME-LAB-2N869AXCSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications
2N2857CSM SEME-LAB-2N2857CSM Datasheet
19Kb / 2P
   HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019CSM SEME-LAB-2N3019CSM Datasheet
19Kb / 2P
   HIGH FREQUENCY, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com