Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ24A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ24A
Description  1500 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ24A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SMCJ24A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ24A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ24A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ24A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ24A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Version:G11
RATINGS AND CHARACTERISTIC CURVES (SMCJ SERIES)
FIG.2 DERATING CURVE
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE (
oC)
FIG. 4 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
10
100
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
UNIDIRECTIONAL ONLY
FIG. 3 CLAMPING POWER PULSE WAVEFORM
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
3.5
4
t, TIME ms
td
Peak Value
IPPM
tr=10use
Half Value-
10/1000sec, WAVEFORM
as DEFINED by R.E.A.
PULSE WIDTH(td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% OF IPPM
FIG. 5 TYPICAL JUNCTION CAPACITANCE
10
100
1000
10000
100000
1
10
100
V(BR), BREAKDOWN VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
VR=0
VR-RATED
STAND-OFF
VOLTAGE
UNIDIRECTIONAL
BIDIRECTIONA
FIG. 1 PEAK PULSE POWER RATING CURVE
0.1
1
10
100
0.1
1
10
100
1000
10000
tp, PULSE WIDTH, (uS)
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA = 25℃


Similar Part No. - SMCJ24A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ24A DCCOM-SMCJ24A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ24A MCC-SMCJ24A Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ24A VISHAY-SMCJ24A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
HY ELECTRONIC CORP.
SMCJ24A HY-SMCJ24A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
SMCJ24A TSC-SMCJ24A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ24A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com