Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK39A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SK39A
Description  3.0AMPS Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK39A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK39A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK39A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:I11
RATINGS AND CHARACTERISTIC CURVES (SK32A THRU SK320A)
FIG.1 FORWARD CURRENT DERATING CURVE
0
0.5
1
1.5
2
2.5
3
3.5
50
60
70
80
90
100
110
120
130
140
150
LEAD TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVE LOAD
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
0
10
20
30
40
50
60
70
1
10
100
NUMBER OF CYCLES AT 60 Hz
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=75℃
TA=125℃
FIG. 5 TYPICAL JUNCTION CAPACITANCE
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
SK32A-SK34A
SK35A-SK36A
SK39A-SK320A
PULSE WIDTH=300uS
1% DUTY CYCLE
FIG. 3 TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
SK32A-SK34A
SK35A-SK36A
SK39A-SK320A
PULSE WIDTH=300uS
1% DUTY CYCLE
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)


Similar Part No. - SK39A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK39A TSC-SK39A Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK39A LUGUANG-SK39A Datasheet
176Kb / 2P
   3.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK39A TSC-SK39A Datasheet
238Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
Diode Semiconductor Kor...
SK39A DSK-SK39A Datasheet
155Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SK39A GOOD-ARK-SK39A Datasheet
800Kb / 5P
   Surface Mount Schottky Rectifier
More results

Similar Description - SK39A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_13 Datasheet
241Kb / 4P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_11 Datasheet
135Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SS32 TSC-SS32_11 Datasheet
134Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_11 Datasheet
204Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S32BF CHONGQING-S32BF Datasheet
181Kb / 2P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SS34L FORMOSA-SS34L Datasheet
418Kb / 2P
   3.0AMPS Surface Mount Schottky Barrier Rectifier
logo
Chongqing Pingwei Enter...
1N5820 CHONGQING-1N5820 Datasheet
177Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR320 CHONGQING-SR320 Datasheet
179Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com