Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQ064V1DS11 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LQ064V1DS11
Description  Color TFT-LCD Module(LCD TV/Digital still camera)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ064V1DS11 Datasheet(HTML) 1 Page - Sharp Corporation

  LQ064V1DS11 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility
for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc.
Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device. Specifications are subject to change without notice for improvement.
Outline Dimensions
unit : mm
Under Development
Color TFT-LCD Module
LQ064V1DS11
(LCD TV/Digital still camera)
Features
s 16 cm [6.4"] display size
s Built-in DC/AC converter for backlight drive
Specifications
Parameter
Unit
Parameter
Unit
Display size
16 [6.4]
cm [ "]
Backlight type
1CCFT(D)
-
No. of pixels
307 200
pixel
Brightness
300
cd/m2
Dot format (H x V)
640 x RGB x 480
dot
Power consumption
3.4
W
Dot pitch (H x V)
0.068 x 0.202
mm
Outline dimensions (W x H x D) 178.8 x 126.8 x 12.0
mm
Active area (H x V)
130.6 x 97.0
mm
Weight
290
g
Input signal system
Digital RGB
-
Operating temperature
0 to +55
°C
Input video signal
6-bit digital
-
Storage temperature
-25 to +70
°C
Viewing direction
6:00
-
3.GND
1.HOT
75
25.12
3.4
23.65
172
8.15
90.4
178.8
Active Area Center
1.HOT
3.GND
CN3
CN2
133.5(Bezel Opening)
130.56(Active Area)


Similar Part No. - LQ064V1DS11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ064V3DG01 SHARP-LQ064V3DG01 Datasheet
914Kb / 22P
   AVC Liquid Crystal Displays Group
More results

Similar Description - LQ064V1DS11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ056A3CH01 SHARP-LQ056A3CH01 Datasheet
109Kb / 1P
   Color TFT-LCD Module(LCD TV/Digital still camera)
LQ6AN102 SHARP-LQ6AN102 Datasheet
67Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ4FN31 SHARP-LQ4FN31 Datasheet
54Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ5AW116 SHARP-LQ5AW116 Datasheet
68Kb / 1P
   Color TFT-LCD Module for AV/Car Navigation(Digital still camera/LCD camcorder/LCD TV)
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
LQ064A5CG01 SHARP-LQ064A5CG01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com