Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2192A Datasheet(PDF) 1 Page - Seme LAB

Part No. 2N2192A
Description  Bipolar NPN Device in a Hermetically sealed TO39 Metal Package.
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 1 page
background image
2N2192A
Bipolar NPN Device.
V
CEO =
40V
I
C = 1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
1
A
h
FE
@ 10/0.15 (V
CE / IC)
100
300
-
f
t
50M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl