Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2060A Datasheet(PDF) 3 Page - Seme LAB

Part No. 2N2060A
Description  DUAL MATCHED NPN SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 3 page
background image
DUAL MATCHED NPN SILICON TRANSISTOR
2N2060 / 2N2060A
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8570
Issue 1
Page 3 of 3
MATCHING CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min
Typ
Max
Units
IC = 100µA
VCE = 5V
0.9
1.0
HFE1/ HFE2
DC Current Gain Ratio
(2)
IC = 1.0mA
VCE = 5V
0.9
1.0
-
IC = 100µA
VCE = 5V
3.0
VBE1- VBE2
Base – Emitter Voltage
Differential
IC = 1.0mA
VCE = 5V
5.0
mV
IC = 1.0mA
VCE = 5V
(
)
T
BE2
V
-
BE1
V
Base –Emitter Voltage
Differential Change Due To
Temperature
TA = -55°C to +125°C
5.0
µV/
°C
MECHANICAL DATA
Dimensions in mm (inches)
1.02
(0.040)
Max.
8.51 (0.335)
9.40 (0.370)
7.75 (0.305)
8.51 (0.335)
5.08
(0.200)
2.54
(0.100)
2.54
(0.100)
0.74 (0.029)
1.14 (0.045)
1
6
4
3
2
45˚
0.71 (0.028)
0.86 (0.034)
0.41 (0.016)
0.53 (0.021)
5
TO-77 (MO-002AF) METAL PACKAGE
PIN 1 – Collector
PIN 4 – Emitter
PIN 2 – Base
PIN 5 – Base
PIN 3 – Emitter
PIN 6 – Collector




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl