Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2060 Datasheet(PDF) 1 Page - Seme LAB

Part No. 2N2060
Description  DUAL MATCHED NPN SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 1 page
background image
DUAL MATCHED NPN
SILICON TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8570
Issue 1
Page 1 of 3
2N2060 / 2N2060A
Matched Dual NPN Transistors
Low Power
Hermetically Sealed TO-77 Metal Package
High Reliability Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
VCEO
Collector – Emitter Voltage
60V
VCER
Collector – Emitter Voltage
80V
VCBO
Collector – Base Voltage
100V
VEBO
Emitter – Base Voltage
7V
IC
Continuous Collector Current
500mA
Per Side
Per Side
Per Side
Per Side
Total Device
Total Device
Total Device
Total Device
PD
Total Power Dissipation at
TA = 25°C
540 mW
600 mW
Derate Above 25°C
3.08 mW/°C
3.48 mW/°C
TC = 25°C
1.5W
2.12W
Derate Above 25°C
8.6 mW/°C
12.1 mW/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl