Part Name
         Description
LM9V381

 Color STN-LCD Module ( 1 Page)


SHARP
100% 
Zoom Out Zoom In
   
 1 page
background image
Under Development
LM9V381
Color STN-LCD Module
Features
n
24 cm [9.4"] VGA format
n
Thin (7.7 mm) & lightweight(360 g)
n
Built-in CCFT Backlight
n
Low power consumption (1.1 W)
Specifications
Parameter
Unit
Parameter
Unit
Display size
24 [9.4]
cm [ "]
Backlight type
1CCFT (E)
-
Dot format (H x V)
640 x RGB x 480
dot
Duty ratio
1/240
-
Dot pitch (H x V)
0.10 x 0.30
mm
Logic voltage
3.3/3.3 Vcon
V
Active area (H x V)
192.0 x 144.0
mm
Power consumption panel
<165>
mW
Panel type
*1
-
Backlight
<1 000>
mW
Panel mode
Transmissive
-
Outline dimensions (W x H x D) 227.0 x 179.2 x 7.7
mm
Contrast ratio
<25 : 1>
-
Weight
<360>
g
Response time
<350>
ms
Operating temperature
0 to +40
∞C
Brightness
<70>
cd/m2
Storage temperature
-25 to +60
∞C
*1...Triple Super Twisted Nematic
Outline Dimensions
unit : mm
50
106.8
102.8
2.5
198
99.5
227
116.5
7.5
3.5
3.5
Active Area 191.98 x 143.98
1.9
Bezel Opening Area 198.0 x 151.0
3
1.8
3
1.8
8MAX
Center Line
113



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM12S402Color STN-LCD Module 1 Sharp Electrionic Components
LM6Q32Color STN-LCD Module 1 Sharp Electrionic Components
LM12S44Color STN-LCD Module 1 Sharp Electrionic Components
LM6Q35Color STN-LCD Module 1 Sharp Electrionic Components
LM12S47Color STN-LCD Module 1 Sharp Electrionic Components
LM12S48Color STN-LCD Module 1 Sharp Electrionic Components
LM130SS1T611Color STN-LCD Module 1 Sharp Electrionic Components
LM13X33Color STN-LCD Module 1 Sharp Electrionic Components
LM15X11Color STN-LCD Module 1 Sharp Electrionic Components
LM18X12Color STN-LCD Module 1 Sharp Electrionic Components

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl