Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULP-150_1108 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ULP-150_1108
Description  150W U-Bracket Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ULP-150_1108 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ULP-150_1108 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ULP-150_1108 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DesignrefertoEN61347-2-13,IEC61347-2-13,UL8750
Universal AC input / Full range(up to 295VAC)
Built in active PFC compliance to EN61000-3-2 class C
Constant Voltage design
High efficiency up to 93%
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Half encapsulated
U-bracket low profile:33mm
ZVS technology to reduce power dissipation
Suitable for built-in type LED applications
3 years warranty
215*67.4*33mm(L*W*H)
150W
150W
151.2W
153.6W
RATEDPOWER
151.2W
11.0~13.2V
13.5~16.5V
21.6~26.4V
43.2~52.8V
VOLTAGE ADJ.RANGE
32.4~39.6V
130~185%ratedoutputpower
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
2000ms,100ms/230VAC3000ms,100ms/115VACatfullload
90~295VAC127~417VDC
47~63Hz
2A/115VAC1A/230VAC0.7A/277VAC
Coldstart65A/230VAC
<0.75mA /277VAC
13.6~16.3V
17~21V
26.7~32.4V
53~64.8V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
95
5
±
(RTH2)
Protectiontype:Shutdowno/pvoltage, recoversautomaticallyaftertemperaturegoesdown
CompliancetoEN55015,EN61000-3-2ClassC( 60%load),EN61000-3-3
-30~+70
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
±
)
0.03%/
(0~60
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
216.3Khrsmin.MIL-HDBK-217F(25
)
91.5%
PF 0.98/115VACPF>0.96/230VACPF 0.94/277VACatfullload
>
>
16ms/230VAC16ms/115VACatfullload
91.5%
93%
93%
±
1.0%
±
1.0%
±
1.0%
±
1.0%
±
0.5%
±
0.5%
±
0.5%
±
0.5%
±
2.0%
±
2.0%
±
2.0%
±
2.0%
100mVp-p
150mVp-p
150mVp-p
250mVp-p
12V
12.5A
0~12.5A
15V
10A
0~10A
24V
6.3A
0~6.3A
48V
3.2A
0~3.2A
ULP-150-12
ULP-150-15
ULP-150-24
ULP-150-48
FileName:ULP-150-SPEC2011-08-11
Features :
U L P - 1 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltages. Please check the static characteristics for more details.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
6. Please remove the component D1 before conducted Hipot test.
ENVIRONMENT
SAFETY &
EMC
(Note5)
PROTECTION
WITHSTANDVOLTAGE Note.6
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/
70%RH
25
/
CURRENTRANGE
41.4~48.6V
93%
±
1.0%
±
0.5%
±
2.0%
250mVp-p
36V
4.2A
0~4.2A
ULP-150-36
150WU-BracketSingleOutputwithPFCFunction
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
SHORTCIRCUIT
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
0.67kg;24PCS/17.5kg/0.65CUFT
EMCIMMUNITY
EMCEMISSION


Similar Part No. - ULP-150_1108

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ULP-150_1110 MEANWELL-ULP-150_1110 Datasheet
293Kb / 2P
   150W U-Bracket Single Output with PFC Function
More results

Similar Description - ULP-150_1108

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
USP-150-12 MEANWELL-USP-150-12 Datasheet
267Kb / 2P
   150W U-Bracket Single Output with PFC Function
ULP-150_1110 MEANWELL-ULP-150_1110 Datasheet
293Kb / 2P
   150W U-Bracket Single Output with PFC Function
ULP-150 MEANWELL-ULP-150 Datasheet
293Kb / 2P
   150W U-Bracket Single Output with PFC Function
USP-150 MEANWELL-USP-150 Datasheet
267Kb / 2P
   150W U-Bracket Single Output with PFC Function
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com