Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5750X7R1E226M Datasheet(PDF) 1 Page - Intersil Corporation

Part # C5750X7R1E226M
Description  Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

C5750X7R1E226M Datasheet(HTML) 1 Page - Intersil Corporation

  C5750X7R1E226M Datasheet HTML 1Page - Intersil Corporation C5750X7R1E226M Datasheet HTML 2Page - Intersil Corporation C5750X7R1E226M Datasheet HTML 3Page - Intersil Corporation C5750X7R1E226M Datasheet HTML 4Page - Intersil Corporation C5750X7R1E226M Datasheet HTML 5Page - Intersil Corporation C5750X7R1E226M Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Application Note 1636
Author: Paul Orfanu
ISL85033-12VEVAL3Z Wide VIN Negative VOUT
Buck-Boost Regulator With Up to 5A Output Current
Hardware Description
The ISL85033 is a wide input range, dual standard buck
converter that can be configured to provide a negative output
voltage. The ISL85033-12VEVAL3Z evaluation board is used in
this application note to demonstrate the negative
configuration. In this configuration, VIN can range from 4.5V to
(28V - VOUT).
The ISL85033 is offered in a 4mmx4mm 28 Ld TQFN package
with 1mm maximum height. The complete converter occupies
6.25cm2 area.
Key Features
• Wide Input Voltage Range from 4.5V to (28V - VOUT)
• Adjustable and Synchronizable Negative Output Voltage with
Continuous Output Current up to 5A, depending on VOUT and
VIN
• Current Mode Control
• Adjustable Switching Frequency from 300kHz to 2MHz
• Power-Good Detection (referenced to VOUT)
• Externally Adjustable Soft-start Time
• Overcurrent and Hiccup Mode Short Circuit Protection,
Thermal Overload Protection, UVLO
• Boot Undervoltage Detection
• Default Out-of-phase Channels Reduce Voltage Ripple and
Component Size. User-selectable Phase Operation.
Recommended Equipment
The following materials are recommended to perform testing:
• 0V to 30V power supply with at least 7A source current
capability or a 5V battery
• Electronic loads capable of sinking current up to 7A
• Digital multimeters (DMMs)
• 100MHz quad-trace oscilloscope
• Signal generator
Quick Setup Guide
1. Ensure that the circuit is correctly connected to the supply
and loads prior to applying any power.
2. Connect the bias supply to VIN1, the plus terminal to VIN1,
and the negative return to GND1.
3. Verify that the position is ON for S1.
4. Turn on the power supply.
5. Verify the output voltage is -12V for VOUT.
Evaluating the Other Output Voltages
The ISL85033-12VEVAL3Z kit output is preset to -12V;
however, output voltages can be adjusted from -3.3V to -15V.
The output voltage programming resistor, R3, depends on the
desired output voltage of the regulator. The value for the
feedback resistor is typically between 0
Ω and 142kΩ as
shown in Equation 1.
Table 1 summarizes the external component selection for
VOUT = -5V, VOUT = -12V, and VOUT = -15V.
The curves in Figure 1 indicate the maximum output current
the converter can deliver as a function of the input voltage and
the selected output voltage configuration.
Figures 2, 3 and 4 show the efficiency for different VIN, VOUT
and load combinations.
TABLE 1. COMPONENT SELECTION FOR VOUT
VOUT
EXTERNAL COMPONENTS
-5V
R3 = 43.2k; R5 = 20k; C4 = 2.7nF
C20 = 22µF (1210 ceramic)
C17 = 22µF (1210 ceramic)
C19 = 68µF (15mΩ polymer EEFUD0K680R)
-12V
R3 = 112k; R5 = 120k; C4 = 4.7nF
C14, C17 = 22µF (2210 ceramic)
C12, C19 = 68µF (70mΩ TaNbO2 TPSD686M020R0070)
C20 = DNP
-15V
R3 = 142k; R5 = 120k; C4 = 4.7nF
C14, C17 = 22µF (2210 ceramic)
C12, C19 = 68µF (70mΩ TaNbO2 TPSD686M020R0070)
C20 = DNP
R3
R2
VOUT
VFB
--------------
1
⎝⎠
⎛⎞
=
(EQ. 1)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright Intersil Americas Inc. 2011. All Rights Reserved.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
July 27, 2011
AN1636.1


Similar Part No. - C5750X7R1E226M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X7R1E226M250KA TDK-C5750X7R1E226M250KA Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C5750X7R1E226M250KA TDK-C5750X7R1E226M250KA_17 Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C5750X7R1E226M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
logo
Micrel Semiconductor
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
   5A, Low VIN, Low VOUT uCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com