Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85033EVAL1ZREVBPCB Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL85033EVAL1ZREVBPCB
Description  Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85033EVAL1ZREVBPCB Datasheet(HTML) 3 Page - Intersil Corporation

  ISL85033EVAL1ZREVBPCB Datasheet HTML 1Page - Intersil Corporation ISL85033EVAL1ZREVBPCB Datasheet HTML 2Page - Intersil Corporation ISL85033EVAL1ZREVBPCB Datasheet HTML 3Page - Intersil Corporation ISL85033EVAL1ZREVBPCB Datasheet HTML 4Page - Intersil Corporation ISL85033EVAL1ZREVBPCB Datasheet HTML 5Page - Intersil Corporation ISL85033EVAL1ZREVBPCB Datasheet HTML 6Page - Intersil Corporation ISL85033EVAL1ZREVBPCB Datasheet HTML 7Page - Intersil Corporation ISL85033EVAL1ZREVBPCB Datasheet HTML 8Page - Intersil Corporation ISL85033EVAL1ZREVBPCB Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ISL85033DUALEVAL1Z Schematic
DNP
B340B
DNP
ON
OPEN
OFF
OFF
OPEN
ON
DNP
DNP
DNP
DNP
VOUT1=5V
VOUT2=3.3V
B340B
SGND
BOOT1
D3
20
SS2
BOOT2
OPEN
L2
7UH
VIN2
SS1
VOUT1
R12
DNP
R13
DNP
VCC
15
17
21
C15
12PF
R11
19
18
C13
12PF
2
3
R5
FB1
GND3
FB2
SS1
D1
L1
R15
VOUT2
25.5K
42.2K
C4
470PF
10UF
C7
EN2
BOOT1
R3
0.01UF
VIN1
R20
10UF
C18
C6
10UF
D2
BOOT1
VOUT1
470PF
47UF
8.06K
R16
VO2
JLX2
GND4
69.8K
SS1
8.06K
68PF
C16
0
C1
68PF
SS2
JVO2
29
R2
PGOOD2
47UF
7UH
OPEN
R1
0
JLX1
VOUT1
ISL85033IRTZ
1
C14
DNP
C12
C17
D4
BOOT2
R23
6
VIN2
VOUT2
DNP
D6
SYNCIN
R10
R8
C2
EXT_5V
R27
R26
DNP
BOOT2
D5
SS2
S1
EN1
EN2
VO1
VCC
VCC
R19
C3
EN1
DNP
FS
S2
5
4
C5
7
PGOOD1
16
C11
JVO1
DNP
FB2
C10
R21
R14
C9
R22
R24
R25
R17
C8
R7
R18
R9
PG2
SO
SI
FS GND
GND2
VIN1
GND1
U1
SS1
DNP
DNP
DNP
VOUT2
COMP2
SS2
VIN2
DNP
0
COMP1
DNP
VOUT2
VIN1
FB1
VCC
0.01UF
VOUT1
69.8K
PG1
EP
SS1
PGND1
PHASE1
COMP2
FB2
SS2
PGND2
BOOT2
PHASE2
PHASE2
PHASE1
FB1
BOOT1
COMP1
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
AA
A
A
A
A
A
A
A
AA
A
A
A


Similar Part No. - ISL85033EVAL1ZREVBPCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85033EVAL2Z INTERSIL-ISL85033EVAL2Z Datasheet
335Kb / 2P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
logo
Renesas Technology Corp
ISL85033EVAL2Z RENESAS-ISL85033EVAL2Z Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Cirrus Logic
ISL85033EVAL2Z APEX-ISL85033EVAL2Z Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - ISL85033EVAL1ZREVBPCB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85033 RENESAS-ISL85033 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033 INTERSIL-ISL85033_11 Datasheet
1Mb / 26P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL78208 INTERSIL-ISL78208 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
ISL78208ARZ INTERSIL-ISL78208ARZ Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
July 29, 2014
ISL85033_1012 INTERSIL-ISL85033_1012 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
ISL85033 INTERSIL-ISL85033 Datasheet
1Mb / 25P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
logo
Renesas Technology Corp
ISL78208 RENESAS-ISL78208 Datasheet
1Mb / 24P
   Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
logo
Intersil Corporation
ISL85033EVAL2Z INTERSIL-ISL85033EVAL2Z Datasheet
335Kb / 2P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
ISL95901 INTERSIL-ISL95901 Datasheet
1Mb / 24P
   Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
logo
Renesas Technology Corp
ISL95901 RENESAS-ISL95901 Datasheet
1Mb / 24P
   Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com