Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS10H150CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS10H150CT
Description  10.0AMPS Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS10H150CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS10H150CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS10H150CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBR10HXXCT = Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IRRM
A
uA
mA
dV/dt
V/us
RθjC
OC/W
TJ
OC
TSTG
OC
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC Method)
IFSM
120
A
A
Peak Repetitive Surge Current (Rated VR, Square
Wave, 20KHz) at Tc=133℃
IFRM
10
A
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Maximum Average Forward Rectified Current
at TC=133℃
IF(AV)
10
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Mounting position:Any
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Case: D
2PAK molded plastic body
100
Weight: 1.41 grams
Typical Thermal Resistance
Type Number
100
200
0.5
Version:E11
Features
High surge capability
Metal silicon junction, majority carrier conduction
UL Recognized File # E-326854
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
D
2PAK
3.5
0.85
0.75
0.95
0.85
1
Note 5: Screw mounting with 4-40 screw, where washer diamerter is≦4.9mm (0.19")
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage (Note 2)
IF=5A, TA=25℃
IF=5A, TA=125℃
IF=10A, TA=25℃
IF=10A, TA=125℃
VF
Peak Repetitive Reverse Surge Current (Note 1)
V
5
0.97
0.85
0.88
0.75
1
MBRS10H100CT - MBRS10H200CT
10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS
10H100CT
MBRS
10H150CT
MBRS
10H200CT
Marking Diagram
Dimensions in inches and (millimeters)
High temperature soldering guaranteed:
260℃/10 seconds/.25", (6.35mm) from case
70
150
105
150
140
200
Voltage Rate of Change,(Rated VR)
10000
Note 4: Chip Mounting (on case), where leads do overlap heatsink.
Note 3: Chip Mounting (on case), where lead does not overlap heatsink with 0.11" offset.
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
- 65 to + 175
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
Storage Temperature Range
- 65 to + 175
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRS10H150CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS10H150CT TSC-MBRS10H150CT Datasheet
585Kb / 2P
   10.0 AMPS. Surface Mount Schottky Barrier Rectifiers Switchmode Power Rectifiers
MBRS10H150CT TSC-MBRS10H150CT Datasheet
213Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRS10H150CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS1020 TSC-SRS1020_11 Datasheet
154Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1035 TSC-MBRS1035_11 Datasheet
136Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT_13 Datasheet
257Kb / 4P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020_13 Datasheet
255Kb / 4P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_11 Datasheet
149Kb / 2P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT_13 Datasheet
258Kb / 4P
   10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_11 Datasheet
195Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
MBR1035CT GXELECTRONICS-MBR1035CT Datasheet
805Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRA1020 TSC-SRA1020_11 Datasheet
275Kb / 2P
   10.0AMPS. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS1045L CHONGQING-PS1045L Datasheet
197Kb / 1P
   10.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com