Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H1044-00471-50V10-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # H1044-00471-50V10-T
Description  1A Regulator Standard Buck PWM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

H1044-00471-50V10-T Datasheet(HTML) 3 Page - Intersil Corporation

  H1044-00471-50V10-T Datasheet HTML 1Page - Intersil Corporation H1044-00471-50V10-T Datasheet HTML 2Page - Intersil Corporation H1044-00471-50V10-T Datasheet HTML 3Page - Intersil Corporation H1044-00471-50V10-T Datasheet HTML 4Page - Intersil Corporation H1044-00471-50V10-T Datasheet HTML 5Page - Intersil Corporation H1044-00471-50V10-T Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
AN1443.0
December 1, 2008
ISL85001EVAL1Z Bill of Materials
PART NUMBER
QTY UNITS
REFERENCE
DESIGNATOR
DESCRIPTION
MFR
MANUFACTURER
PART
ISL85001EVAL1ZREVAPCB
1
ea
See Label-Rename
Board
PWB-PCB,
ISL85001EVAL1Z, REVA,
ROHS
TITAN
ISL85001EVAL1ZREVAPCB
C1608X7R1H104K-T
1
ea
C9
CAPACITOR, SMD, 0603,
0.10µF, 50V, 10%, X7R
TDK
C1608X7R1H104K
H1044-00104-16V10-T
1
ea
C4
CAP, SMD, 0402, 0.1µF, 16V,
10%, X7R, ROHS
MURATA
GRM36X7R104K016AD
H1044-00222-50V10-T
1
ea
C1
CAP, SMD, 0402, 2200pF,
50V, 10%, X7R, ROHS
PANASONIC
ECJ-0EB1H222K
H1044-00470-50V5-T
1
ea
C2
CAP, SMD, 0402, 47pF, 50V,
5%, NPO, ROHS
MURATA
GRM36COG470J050AQ
H1044-00471-50V10-T
1
ea
C3
CAP, SMD, 0402, 470pF, 50V,
10%, X7R, ROHS
PANASONIC
ECJ-0EB1H471K
H1045-00105-6R3V10-T
1
ea
C8
CAP, SMD, 0603, 1µF, 6.3V,
10%, X5R, ROHS
PANASONIC
ECJ1VB0J105K
H1065-00106-25V10-T
1
ea
C10
CAP, SMD,1206,10µF, 25V,
10%, X5R, ROHS
VENKEL
C1206X5R250-106KNE
H1082-00476-16V20-T
1
ea
C12
CAP, SMD, 1210, 47µF, 16V,
20%, x5R, ROHS
TDK
C3225X5R1C476M
IHLP2525CZER220M11
1
ea
L1
COIL-PWR INDUCTOR,
SMD, 6.9x6.5, 22µH, 20%,
7A, ROHS
VISHAY
IHLP2525CZER220M11
131-4353-00
2
ea
SP1, SP2
CONN-SCOPE PROBE TEST
PT, COMPACT, PCB MNT,
ROHS
TEKTRONIX
131-4353-00
1514-2
4
ea
TP1 to TP4
CONN-TURRET, TERMINAL
POST, TH, ROHS
KEYSTONE
1514-2
5002
2
ea
TP13, TP16
CONN-MINI TEST POINT,
VERTICAL, WHITE, ROHS
KEYSTONE
5002
B340LB-13-F-T
1
ea
D1
DIODE-SCHOTTKY, SMD,
SMB, 2P, 40V, 3A LOW VF,
ROHS
DIODES INC.
B340LB-13-F
LTST-C170CKT
1
ea
D3
LED-GaAs RED, SMD,
2x1.25mm,100mW, 40mA,
10mcd, ROHS
LITEON/VISHA
Y
LTST-C170CKT
ISL85001IRZ
1
ea
U1
IC-2A BUCK REGULATOR,
12P, DFN, 4x3, ROHS
INTERSIL
ISL85001IRZ
2N7002-7-F-T
1
ea
Q4
TRANSISTOR, N-CHANNEL,
3LD, SOT-23, 60V, 115mA,
ROHS
DIODES,INC.
2N7002-7-F
H2510-01002-1/16W1-T
1
ea
R2
RES, SMD, 0402, 10k, 1/16W,
1%, TF, ROHS
PANASONIC
ERJ-2RKF1002
H2510-01003-1/16W1-T
1
ea
R12
RES, SMD, 0402, 100k,
1/16W, 1%, TF, ROHS
PANASONIC
ERJ2RKF1003
H2510-03002-1/16W1-T
1
ea
R1
RES, SMD, 0402, 30k, 1/16W,
1%, TF, ROHS
YAGEO
RC0402FR-0730KL
H2510-03010-1/16W1-T
1
ea
R3
RES, SMD, 0402, 301
Ω,
1/16W, 1%, TF, ROHS
PANASONIC
ERJ-2RKF3010X
Application Note 1443


Similar Part No. - H1044-00471-50V10-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H1044-00103-16V10 INTERSIL-H1044-00103-16V10 Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
H1044-00104-16V10 INTERSIL-H1044-00104-16V10 Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
H1044-00120-50V5-T INTERSIL-H1044-00120-50V5-T Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
More results

Similar Description - H1044-00471-50V10-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
   1A Standard Buck PWM Regulator
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
   1A Standard Buck PWM Regulator
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
   2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
   2A Standard Buck PWM Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
SiGe Semiconductor, Inc...
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
   850kHz 1A Buck Regulator
logo
Intersil Corporation
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
   Dual Output Controller with 1A Standard Buck PWM and LDO
logo
Renesas Technology Corp
ISL8510 RENESAS-ISL8510 Datasheet
1Mb / 21P
   Dual Output Controller with 1A Standard Buck PWM and LDO
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com