Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL4148L1 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL4148L1
Description  500mW High Speed SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4148L1 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL4148L1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4148L1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4148L1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL4148/LL4448/LL914B
500mW High Speed SMD Switching Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin (Sn) Terminal Finish
Pb free version and RoHS compliant
MinMax
MinMax
Case : Mini-MELF Package (JEDEC DO-213AC)
3.30
3.70
0.130
0.146
High temperature soldering guaranteed : 270°C/10s
1.40
1.60
0.055
0.063
0.25
0.40
0.010
0.016
1.25
1.40
0.049
0.055
Suggested PAD Layout
All External Surfaces are Corrosion Resistant and
Leads are Readily Solderable
Unit (inch)
Polarity : Indicated by cathode band
Ordering Information
HERMETICALLY SEALED GLASS
Weight : approx. 31 mg
Features
Mechanical Data
Unit (mm)
Dimensions
A
B
C
D
Mini-MELF (LL34)
Suggested
ayout
Package
LL34
LL34
LL34
LL34
LL34
LL34
Maximum Ratings
Notes:1. Test Condition : 8.3ms Single half Sine-Wave Superimposed on Rated Load (JEDEC Method)
Notes:2. Valid provided that electrodes are kept at ambient temperature
Value
IFSM
2A
g
LL914B L0
10K / 13" Reel
Maximum Ratings and Electrical Characteristics
75
500
100
Units
V
V
mW
mA
°C
-65 to + 200
450
150
°C/W
300
mA
Junction and Storage Temperature Range
Mean Forward Current
IFM
IO
TJ, TSTG
RθJA
Thermal Resistance (Junction to Ambient) (Note 2)
Non-Repetitive Peak Forward Current
Power Dissipation
Repetitive Peak Reverse Voltage
Symbol
Reverse Voltage
PD
VRRM
2.5K / 7" Reel
Peak Forward Surge Current (Note 1)
LL4148 L1
LL4448 L1
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
LL914B L1
2.5K / 7" Reel
2.5K / 7" Reel
VR
Part No.
LL4148 L0
LL4448 L0
Packing
10K / 13" Reel
10K / 13" Reel
2.00
0.079
2.50
0.098
1.25
0.049
0.197
5.00
Version : E10


Similar Part No. - LL4148L1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4148L1 TSC-LL4148L1 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
LL4148L1 TSC-LL4148L1 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
More results

Similar Description - LL4148L1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_09 Datasheet
106Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RYG TSC-TS4148RYG_14 Datasheet
189Kb / 4P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
LS4148 TSC-LS4148_15 Datasheet
221Kb / 4P
   500mW High Speed SMD Switching Diode
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com