Electronic Components Datasheet Search |
|
ISL28207 Datasheet(PDF) 6 Page - Intersil Corporation |
|
ISL28207 Datasheet(HTML) 6 Page - Intersil Corporation |
6 / 31 page ISL28107, ISL28207, ISL28407 6 FN6631.4 September 6, 2011 Absolute Maximum Ratings Thermal Information Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Maximum Differential Input Voltage . . . . . . . . . . . (V-) - 0.5V to (V+) + 0.5V Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . (V-) - 0.5V to (V+) + 0.5V Max/Min Input Current for Input Voltage >V+ or <V- . . . . . . . . . . . . ±20mA Output Short-Circuit Duration (1 Output at a Time) . . . . . . . . . . Indefinite ESD Tolerance Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5kV Machine Model (ISL28207 MSOP only). . . . . . . . . . . . . . . . . . . . . . . 300V Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV Thermal Resistance (Typical) θJA (°C/W) θJC (°C/W) 8 Ld SOIC (ISL28107, Notes 4, 5) . . . . . . . 120 60 8 Ld SOIC (ISL28207, Notes 4, 5) . . . . . . . 105 50 8 Ld MSOP (ISL28107, Notes 4, 5) . . . . . . 155 50 8 Ld MSOP (ISL28207, Notes 4, 5) . . . . . . 160 55 8 Ld TDFN (ISL28107, Notes 6, 7) . . . . . . 48 7 8 Ld TDFN (ISL28207, Notes 6, 7) . . . . . . 43 2 14 Ld SOIC (ISL28407, Notes 4, 5) . . . . . . 73 45 14 Ld TSSOP (ISL28407 Notes 4, 5) . . . . . 90 32 16 Ld QFN (ISL28407, Notes 6, 7). . . . . . . 42 3.5 Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Operating Conditions Ambient Operating Temperature Range. . . . . . . . . . . . . . -40°C to +125°C Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . . +150°C CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. For θJC, the “case temp” location is taken at the package top center. 6. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 7. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside. Electrical Specifications V S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT VOS Offset Voltage Magnitude; SOIC Package -75 5 75 µV -140 140 µV Offset Voltage Magnitude; MSOP Package ISL28107 -100 5 100 µV -180 180 µV ISL28207 -110 5 110 µV -200 200 µV Offset Voltage Magnitude; TDFN Package ISL28107 -100 10 100 µV -190 190 µV ISL28207 -100 10 100 µV -175 175 µV TCVOS Offset Voltage Drift; SOIC Package -0.65 0.1 0.65 µV/°C Offset Voltage Drift; MSOP Package ISL28107 -0.85 0.1 0.85 µV/°C ISL28207 -0.9 0.1 0.9 µV/°C Offset Voltage Drift; TDFN Package ISL28107 -0.9 0.1 0.9 µV/°C ISL28207 -0.75 0.1 0.75 µV/°C IB Input Bias Current TA = -40°C to +85°C -300 15 300 pA TA = -40°C to +125°C -600 600 pA |
Similar Part No. - ISL28207 |
|
Similar Description - ISL28207 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |