Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21007BFB820Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL21007BFB820Z
Description  Precision, Low Noise FGA??Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007BFB820Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL21007BFB820Z Datasheet HTML 1Page - Intersil Corporation ISL21007BFB820Z Datasheet HTML 2Page - Intersil Corporation ISL21007BFB820Z Datasheet HTML 3Page - Intersil Corporation ISL21007BFB820Z Datasheet HTML 4Page - Intersil Corporation ISL21007BFB820Z Datasheet HTML 5Page - Intersil Corporation ISL21007BFB820Z Datasheet HTML 6Page - Intersil Corporation ISL21007BFB820Z Datasheet HTML 7Page - Intersil Corporation ISL21007BFB820Z Datasheet HTML 8Page - Intersil Corporation ISL21007BFB820Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISL21007
5
FN6326.8
July 14, 2011
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 7mA
10
100
µV/mA
Sinking: -7mA
≤ IOUT ≤ 0mA
20
150
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
40
mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 8)
ΔTA = +165°C
50
ppm
ΔVOUT/Δt
Long Term Stability (Note 9)
TA = +25°C
100
ppm
Electrical Specifications (ISL21007-12, VOUT = 1.250V) VIN = 3.0V, TA = -40°C to +125°C, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +125°C.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
Electrical Specifications (ISL21007-20, VOUT = 2.048V) VIN = 3.0V, TA = -40°C to +125°C, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
VIN
Input Voltage Range
2.7
5.5
V
VOUT
Output Voltage
2.048
V
ΔVOUT /ΔVIN
Line Regulation
2.7V < VIN < 5.5V
50
200
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 7mA
10
100
µV/mA
Sinking: -7mA
≤ IOUT ≤ 0mA
20
150
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 8)
ΔTA = +165°C
50
ppm
ΔVOUT/Δt
Long Term Stability (Note 9)
TA = +25°C
75
ppm
Electrical Specifications (ISL21007-25, VOUT = 2.500V) VIN=3.0V,TA=-40°Cto+125°C,unlessotherwisespecified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
VIN
Input Voltage Range
2.7
5.5
V
VOUT
Output Voltage
2.500
V
ΔVOUT /ΔVIN
Line Regulation
2.7V < VIN < 5.5V
50
200
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 5mA
10
100
µV/mA
Sinking: -5mA
≤ IOUT ≤ 0mA
20
150
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 8)
ΔTA = +165°C
50
ppm
ΔVOUT/Δt
Long Term Stability (Note 9)
TA = +25°C
50
ppm
Electrical Specifications (ISL21007-30, VOUT = 3.000V) VIN=5.0V,TA=-40°Cto+125°C,unlessotherwisespecified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
VIN
Input Voltage Range
3.2
5.5
V
VOUT
Output Voltage
3.000
V
ΔVOUT /ΔVIN
Line Regulation
3.2V < VIN < 5.5V
50
200
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 7mA
10
100
µV/mA
Sinking: -7mA
≤ IOUT ≤ 0mA
20
150
µV/mA


Similar Part No. - ISL21007BFB820Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007BFB820Z INTERSIL-ISL21007BFB820Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
logo
Renesas Technology Corp
ISL21007BFB820Z RENESAS-ISL21007BFB820Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

Similar Description - ISL21007BFB820Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com