Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9440C Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9440C
Description  Triple PWM Step-Down Synchronous Buck Controller and One LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440C Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9440C Datasheet HTML 3Page - Intersil Corporation ISL9440C Datasheet HTML 4Page - Intersil Corporation ISL9440C Datasheet HTML 5Page - Intersil Corporation ISL9440C Datasheet HTML 6Page - Intersil Corporation ISL9440C Datasheet HTML 7Page - Intersil Corporation ISL9440C Datasheet HTML 8Page - Intersil Corporation ISL9440C Datasheet HTML 9Page - Intersil Corporation ISL9440C Datasheet HTML 10Page - Intersil Corporation ISL9440C Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to
verify that the Application Note or Technical Brief is current before proceeding.
For information regarding Intersil Corporation and its products, see www.intersil.com
AN1482.0
June 30, 2009
OPTIONAL COMPONENTS OR RESISTOR JUMPERS
ITEM
QTY
REFERENCE
VALUE
DESCRIPTION
PART #
MANUFACTURER
39
10
R7, R12, R13, R14, R15, R16,
R17, R18, R19, R20, R21
0
RESISTOR Jumpers, SMD, 0603, 10%
Generic
40
3
CO12, CO22, CO32
DNP
41
2
CO23, CO34
DNP
42
2
Cp2, Cp3
DNP
43
1
M5
DNP
P MOSFET TO-252
44
3
M6, M7, M8
DNP
N MOSFET
45
4
R4, R22, R25, R27
DNP
RESISTOR, SMD, 0603
46
3
R23, R24, R26
DNP
RESISTOR, SMD, 1206
EVALUATION BOARD HARDWARES
ITEM
QTY
REFERENCE
VALUE
DESCRIPTION
PART #
MANUFACTURER
47
3
J3, J4, J5
-
3 Head Jumper
68000-236HLF
Generic
48
11
TP1, TP2, TP3, TP4, TP6, TP17,
TP11, TP12, TP13, TP14, TP7
-
TEST POINT
5007
Keystone
49
9
TP8, TP10, TP16, TP19, TP21,
TP9, TP5, TP15, TP20
GND
TURRET
1514-2
Keystone
TABLE 2. BILL OF MATERIALS (Continued)
Application Note 1482


Similar Part No. - ISL9440C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440C INTERSIL-ISL9440C Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440C INTERSIL-ISL9440C Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440CIRZ INTERSIL-ISL9440CIRZ Datasheet
1Mb / 24P
   Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
logo
Renesas Technology Corp
ISL9440CIRZ RENESAS-ISL9440CIRZ Datasheet
2Mb / 25P
   Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
More results

Similar Description - ISL9440C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440AEVAL1Z INTERSIL-ISL9440AEVAL1Z Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440BEVAL1Z INTERSIL-ISL9440BEVAL1Z Datasheet
1Mb / 14P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Analog Devices
ADP1828 AD-ADP1828 Datasheet
845Kb / 32P
   Synchronous Buck PWM, Step-Down, DC-to-DC Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com