Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJP6KE30A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMBJP6KE30A
Description  Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJP6KE30A Datasheet(HTML) 1 Page - Micro Commercial Components

  SMBJP6KE30A Datasheet HTML 1Page - Micro Commercial Components SMBJP6KE30A Datasheet HTML 2Page - Micro Commercial Components SMBJP6KE30A Datasheet HTML 3Page - Micro Commercial Components SMBJP6KE30A Datasheet HTML 4Page - Micro Commercial Components SMBJP6KE30A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
For surface mount applicationsin in or der to optimize board space
Fast response time: typical less than 1.0ps from 0 volts to
VBR minimum
Low inductance
Mechanical Data
Terminals: solderable per MIL-STD-750, Method 2026
Polarity: Color band denotesposit ive end (cathode)
except Bidirectional
Maximum soldering temperature: 260
oC for 10 seconds
Maximum Ratings @ 25
oC Unless Otherwise Specified
Peak Pulse Current on
10/1000us waveform
IPP
See Table 1 Note:
2
Peak Pulse Power
Dissipation
PPP
600W
Note:
2,
Peak Forward Surge
Current
IFSM)
100A
Note: 3
Operation And Storage
Temperature Range
TJ, TSTG
-55
oC to
+150
oC
NOTES:
2.
Non-repetitive current pulse, per Fig.3 and derated above
TA=25
oC per Fig.2.
SMBJP6KE6.8(C)A
THRU
SMBJP6KE550(C)A
Transient
Voltage Suppressor
6.8 to 550 Volts
600 Watt
Excellent clamping capability
DO-214AA
(SMBJ) (LEAD FRAME)
0.050”
0.106"
0.082”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.160
.185
4.06
4.70
B
.130
.155
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.060
0.76
1..52
E
.200
.220
5.08
5.59
F
.079
.096
2.00
2.44
G
.075
.087
1.91
2.21
H
.002
.008
0.05
0.203
A
B
D
C
E
F
G
H
UL Recognized File # E331408
TM
Micro Commercial Components
www.mccsemi.com
1 of 5
Revision:
A
2011/01/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
3.
8.3ms, single half sine wave duty cycle=4 pulses per. Minute
maximum.
1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SMBJP6KE30A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJP6KE30A MCC-SMBJP6KE30A Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE30A MCC-SMBJP6KE30A Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
logo
List of Unclassifed Man...
SMBJP6KE30A ETC2-SMBJP6KE30A Datasheet
332Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - SMBJP6KE30A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P6KE6 LRC-P6KE6 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com