Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBSAC10 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMBSAC10
Description  Low Capacitance Transient Voltage Suppressors 5 to 50 Volts 500Watt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBSAC10 Datasheet(HTML) 2 Page - Micro Commercial Components

  SMBSAC10 Datasheet HTML 1Page - Micro Commercial Components SMBSAC10 Datasheet HTML 2Page - Micro Commercial Components SMBSAC10 Datasheet HTML 3Page - Micro Commercial Components SMBSAC10 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCC
PART
NUMBERS
Marking
Code
STAND-
OFF
VOLTAGE
VWM
(VOLTS)
MINIMUM
BREAKDOWN
VOLTAGE
AT IT=1.0mA
V(BR)
(VOLTS)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR(uA)
MAXIMUM
CLAMPING
VOLTAGE
AT Ipp=5.0A
VC (V)
MAXIMUM
PEAK PULSE
CURRENT
PER FIG.3
Ipp (AMPS)
MAXIMUM
JUNCTION
CAPACITANCE
AT 0 VOLTS
(pF)
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB
(VOLTS)
INVERSE
BLOCKING
LEAKAGE
CURRENT
VWIB
IIB(mA)
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
(VOLTS)
SKE
5.0
7.6
300
10.0
44.0
45
75
1.0
100
SKG
6.0
7.9
300
11.2
41.0
45
75
1.0
100
SKM
7.0
8.3
300
12.6
38.0
45
75
1.0
100
SKR
8.0
8.9
100
13.4
36.0
45
75
1.0
100
SKT
8.5
9.44
50
14.0
34.0
45
75
1.0
100
SKX
10.0
11.10
5
16.3
29.0
45
75
1.0
100
SLE
12.0
13.30
5
19.0
25.0
45
75
1.0
100
SLM
15.0
16.70
5
23.6
20.0
45
75
1.0
100
SLT
18.0
20.00
5
28.8
15.0
45
75
1.0
100
SLX
22.0
24.40
5
35.4
14.0
45
75
1.0
100
SME
26.0
28.90
5
42.3
11.1
45
75
1.0
100
SMK
30.0
33.30
5
48.6
10.0
45
75
1.0
100
SMP
36.0
40.00
5
60.0
8.6
45
75
1.0
100
SMV
45.0
50.00
5
77.0
6.8
45
150
1.0
200
SMZ
50.0
55.50
5
88.0
5.8
45
150
1.0
200
SMBSAC
THRU SMBSAC50
M C C
TM
Micro Commercial Components
www.mccsemi.com
Revision:
A
20
11/01/01
2 of 4
5.0
SMBSAC5.0
SMBSAC6.0
SMBSAC7.0
SMBSAC8.0
SMBSAC8.5
SMBSAC10
SMBSAC12
SMBSAC15
SMBSAC18
SMBSAC22
SMBSAC26
SMBSAC30
SMBSAC36
SMBSAC45
SMBSAC50


Similar Part No. - SMBSAC10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBSAC10 MCC-SMBSAC10 Datasheet
787Kb / 4P
   Low Capacitance Transient Voltage Suppressors 5 to 50 Volts 500Watt
More results

Similar Description - SMBSAC10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBSAC5.0 MCC-SMBSAC5.0 Datasheet
787Kb / 4P
   Low Capacitance Transient Voltage Suppressors 5 to 50 Volts 500Watt
logo
ON Semiconductor
CM1250-04QG ONSEMI-CM1250-04QG_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 4
CM1250-04QF ONSEMI-CM1250-04QF Datasheet
102Kb / 4P
   Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 3
CM1248-04QG ONSEMI-CM1248-04QG_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1248-08DE ONSEMI-CM1248-08DE_11 Datasheet
103Kb / 4P
   Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
logo
Shanghai Leiditech Elec...
SACA5.0 LEIDITECH-SACA5.0 Datasheet
624Kb / 3P
   Low Capacitance Transient Voltage Suppressors
logo
Rectron Semiconductor
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
   LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
logo
Frontier Electronics.
LCP6KE6.8 FRONTIER-LCP6KE6.8 Datasheet
123Kb / 2P
   LOW CAPACITANCE 600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
   Low Capacitance TRANSZORB Transient Voltage Suppressors
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
   LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com