Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54059IRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL54059IRTZ
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54059IRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54059IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 11Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 12Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 13Page - Intersil Corporation ISL54059IRTZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6579.2
March 11, 2011
FIGURE 15. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 16. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 17. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 18. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 19. FREQUENCY RESPONSE
FIGURE 20. CROSSTALK AND OFF ISOLATION
Typical Performance Curves TA = +25°C, Unless Otherwise Specified (Continued)
VCOM (V)
0
50
100
150
0
12345
-1
-2
-3
-4
-5
6
V+ = 4.5V
V+ = 3.3V
V+ = 2.0V
ABSOLUTE VALUES
V+ = 5.5V
200
250
300
350
400
450
500
550
600
650
700
ABSOLUTE VALUES
V+ (V)
1.52.0
2.53.0
3.5
4.0
4.5
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VINH
VINL
0.2
0.1
0
1.6
1.5
1.4
1.3
1.2
V+ (V)
T = +85°C
T = -40°C
T = +25°C
1.8
3.3
4.5
5.5
0
20
40
60
80
100
120
140
160
V+ (V)
1.8
3.3
4.5
5.5
0
20
40
5
10
15
25
30
35
T = +85°C
T = -40°C
T = +25°C
FREQUENCY (Hz)
0
-1
VIN = 1VRMS @ 0VDC OFFSET
RL = 50Ω
V+ = 1.8V TO 5.5V
-2
-3
-4
-5
1k
100k
1M
100M
10k
10M
1G
FREQUENCY (Hz)
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
OFF-ISOLATION
CROSSTALK
1k
10k
100k
1M
10M
100M
VIN = 1VRMS @ 0VDC OFFSET
RL = 50Ω
V+ = 1.8V TO 5.5V
ISL54059


Similar Part No. - ISL54059IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
logo
Renesas Technology Corp
ISL54059IRTZ RENESAS-ISL54059IRTZ Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
More results

Similar Description - ISL54059IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
ISL54062_0911 INTERSIL-ISL54062_0911 Datasheet
751Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com