Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV79C27 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZV79C27
Description  500mW Surface Mount Zener Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV79C27 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZV79C27 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV79C27 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZV79C2V4 - BZV79C75
500mW Surface Mount Zener Voltage Regulator
Zener Voltage Range 2.0 to 75Volts.
LL-34 (Mini-MELF) Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction.
Matte Tin (Sn) Lead Finish
Min
Max
Min
Max
A
3.302
3.505
0.13
0.138
B
1.397
1.499
0.055
0.059
C
0.35
0.5
0.014
0.02
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Units
PD
mW
TOPR
OC
TSTG
OC
Notes: These ratings are limiting values above which the serviceability of the diode may be impaired
LL-34
RoHS Compliant
Millimeters
Inches
Dimensio
n
All External Surface Are Corrosion Resistant And
Terminals Are Readily Solderable.
ELECTRICAL SYMBOL
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
High temperature soldering guaranteed:
260oC/10 seconds
Weight: 0.012 gram
Type Number
Power Dissipation
Operating Temperature Range
Storage Temperature Range
-65 to +200
Value
500
-65 to +200
Polarity: Color band denotes cathode.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Features
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Page : 1 of 2
Version : A08


Similar Part No. - BZV79C27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV79C27 TSC-BZV79C27 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C27 TSC-BZV79C27 Datasheet
178Kb / 4P
   Surface Mount Zener Voltage Regulator
More results

Similar Description - BZV79C27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
Sensitron
1N6309 SENSITRON-1N6309 Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
Seme LAB
1N5221-LCC3 SEME-LAB-1N5221-LCC3 Datasheet
80Kb / 2P
   500mW ZENER VOLTAGE REGULATOR
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Diodes Incorporated
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com