Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C36K Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C36K
Description  200mW,Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C36K Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52C36K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C36K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C36K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZT52C2V4K~BZT52C75K
200mW,Surface Mount Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1V Maximum @ IF = 10 mA for all part numbers
Nom
Min
Max
BZT52C2V4K
50
2.2
2.4
2.6
5
100
1
1000
50
1
BZT52C2V7K
51
2.5
2.7
2.9
5
100
1
1000
20
1
BZT52C3V0K
52
2.8
3
3.2
5
100
1
1000
10
1
BZT52C3V3K
53
3.1
3.3
3.5
5
95
1
1000
5
1
BZT52C3V6K
54
3.4
3.6
3.8
5
90
1
1000
5
1
BZT52C3V9K
55
3.7
3.9
4.1
5
90
1
1000
3
1
BZT52C4V3K
56
4
4.3
4.6
5
90
1
1000
3
1
BZT52C4V7K
57
4.4
4.7
5
5
80
1
800
3
2
BZT52C5V1K
58
4.8
5.1
5.4
5
60
1
500
2
2
BZT52C5V6K
59
5.2
5.6
6
5
40
1
200
1
2
BZT52C6V2K
5A
5.8
6.2
6.6
5
10
1
100
3
4
BZT52C6V8K
5B
6.4
6.8
7.2
5
15
1
160
2
4
BZT52C7V5K
5C
7
7.5
7.9
5
15
1
160
1
5
BZT52C8V2K
5D
7.7
8.2
8.7
5
15
1
160
0.7
5
BZT52C9V1K
5E
8.5
9.1
9.6
5
15
1
160
0.2
7
BZT52C10K
5F
9.4
10
10.6
5
20
1
160
0.1
8
BZT52C11K
5G
10.4
11
11.6
5
20
1
160
0.1
8
BZT52C12K
5H
11.4
12
12.7
5
25
1
80
0.1
8
BZT52C13K
5J
12.4
13
14.1
5
30
1
80
0.1
8
BZT52C15K
5K
14.3
15
15.8
5
30
1
80
0.05
10.5
BZT52C16K
5L
15.3
16
17.1
5
40
1
80
0.05
11.2
BZT52C18K
5M
16.8
18
19.1
5
45
1
80
0.05
12.6
BZT52C20K
5N
18.8
20
21.2
5
55
1
100
0.05
14
BZT52C22K
5P
20.8
22
23.3
5
55
1
100
0.05
15.4
BZT52C24K
5R
22.8
24
25.6
5
70
1
120
0.05
16.8
BZT52C27K
5S
25.1
27
28.9
2
80
0.5
300
0.05
18.9
BZT52C30K
5T
28
30
32
2
80
0.5
300
0.05
21
BZT52C33K
5U
31
33
35
2
80
0.5
300
0.05
23.2
BZT52C36K
5V
34
36
38
2
90
0.5
500
0.05
25.2
BZT52C39K
5X
37
39
41
2
130
0.5
500
0.05
27.3
BZT52C43K
5Y
40
43
46
2
150
0.5
500
0.05
30.1
BZT52C47K
5Z
44
47
50
2
170
0.5
500
0.05
32.9
BZT52C51K
5−
48
51
54
2
180
0.5
500
0.05
35.7
BZT52C56K
5=
52
56
60
2
200
0.5
500
0.05
39.2
BZT52C62K
5≡
58
62
66
2
215
0.5
500
0.05
43.4
BZT52C68K
5>
64
68
72
2
240
0.5
500
0.05
47.6
BZT52C75K
5<
70
75
79
2
255
0.5
500
0.05
52.5
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances,
Device
Marking
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the DC
zener current
Part Number
ZZT @ IZT(Ω)
Max
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
Version : A11


Similar Part No. - BZT52C36K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C36K TSC-BZT52C36K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
BZT52C36K TSC-BZT52C36K Datasheet
219Kb / 6P
   200mW, Surface Mount Zener SMD Zener Diode
More results

Similar Description - BZT52C36K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com