Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55B12 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55B12
Description  500mW,2% Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55B12 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZV55B12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55B12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55B12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55B12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZV55B2V4-BZV55B75
500mW,2% Tolerance Zener Diode
Small Signal Diode
Tape & Reel specification
178 ± 1
330 ± 1
55 Min
100Min
14.4max
Symbol
C
d
13.0 ± 0.20
1.75 ±0.10
8.00 ±0.30
D1
1.50 ± 0.10
0.23±0.005
Item
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocket hole position
1.83 ±0.10
3.73 ±0.10
1.80 ±0.10
D2
D
A
B
3.50 ±0.05
F
P0
Overall tape thickness
T
Punch hole position
Sprocke hole pitch
Embossment center
4.00 ±0.10
2.00 ±0.05
Dimension(mm)
Reel width
W1
P1
Tape width
W
E
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
Direction of Feed
T
C
d
P1
P0
A
B
F
W
E
W1
D1
D2
D
Version : C11


Similar Part No. - BZV55B12

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZV55B12 EIC-BZV55B12 Datasheet
37Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55B12 TSC-BZV55B12 Datasheet
248Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B12 TSC-BZV55B12 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Ping Sheng Ele...
BZV55B12 PFS-BZV55B12 Datasheet
284Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
BZV55B12 LUGUANG-BZV55B12 Datasheet
385Kb / 4P
   500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
More results

Similar Description - BZV55B12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
NTE Electronics
NTE5010T1 NTE-NTE5010T1 Datasheet
15Kb / 1P
   Zener Diode, 500mW 짹1% Tolerance
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com