Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV79C8V2 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZV79C8V2
Description  500mW Surface Mount Zener Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV79C8V2 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZV79C8V2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV79C8V2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics ( TA=25oC unless otherwise note )
ZZT @ IZT
ZZK @ IZK
IR @ VR
VR
(
Ω)(Ω)(µA)
(Volts)
Min
Max
Max
Max
Max
BZV79C 2V4
2.28
2.56
5
100
1
600
100
1
BZV79C 2V7
2.51
2.89
5
100
1
600
75
1
BZV79C 3V0
2.8
3.2
5
95
1
600
50
1
BZV79C 3V3
3.1
3.5
5
95
1
600
25
1
BZV79C 3V6
3.4
3.8
5
90
1
600
15
1
BZV79C 3V9
3.7
4.1
5
90
1
600
10
1
BZV79C 4V3
4
4.6
5
90
1
600
5
1
BZV79C 4V7
4.4
5
5
80
1
500
3
2
BZV79C 5V1
4.8
5.4
5
60
1
480
2
2
BZV79C 5V6
5.2
6
5
40
1
400
1
2
BZV79C 6V2
5.8
6.6
5
10
1
150
3
4
BZV79C 6V8
6.4
7.2
5
15
1
80
2
4
BZV79C 7V5
7
7.9
5
15
1
80
1
5
BZV79C 8V2
7.7
8.7
5
15
1
80
0.7
5
BZV79C 9V1
8.5
9.6
5
15
1
100
0.5
6
BZV79C 10
9.4
10.6
5
20
1
150
0.2
7
BZV79C 11
10.4
11.6
5
20
1
150
0.1
8
BZV79C 12
11.4
12.7
5
25
1
150
0.1
8
BZV79C 13
12.4
14.1
5
30
1
170
0.1
8
BZV79C 15
13.8
15.6
5
30
1
200
0.05
10.5
BZV79C 16
15.3
17.1
5
40
1
200
0.05
11.2
BZV79C 18
16.8
19.1
5
45
1
225
0.05
12.6
BZV79C 20
18.8
21.2
5
55
1
225
0.05
14
BZV79C 22
20.8
23.3
5
55
1
250
0.05
15.4
BZV79C 24
22.8
25.6
5
70
1
250
0.05
16.8
BZV79C 27
25.1
28.9
2
80
0.5
300
0.05
18.9
BZV79C 30
28
32
2
80
0.5
300
0.05
21
BZV79C 33
31
35
2
80
0.5
325
0.05
23.1
BZV79C 36
34
38
2
90
0.5
350
0.05
25.2
BZV79C 39
37
41
2
130
0.5
350
0.05
27.3
BZV79C 43
40
46
2
150
0.5
375
0.05
30.1
BZV79C 47
44
50
2
170
0.5
375
0.05
32.9
BZV79C 51
48
54
2
180
0.5
400
0.05
35.7
BZV79C 56
52
60
2
200
0.5
425
0.05
39.2
BZV79C 62
58
66
2.5
215
0.5
1000
0.05
43.4
BZV79C 68
64
72
2.5
240
0.5
1000
0.05
47.6
BZV79C 75
70
80
2.5
255
0.5
1000
0.05
52.5
Notes :
1.
The type numbers listed have zener voltage min/max limits as shown.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances, contact your nearest Tak Cheong Electronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10%
of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
VF Forward Voltage = 1.5 V Maximum @ IF = 100 mA for all types
Device
Type
VZ @ IZT
(Volts)
IZT
(mA)
IZK
(mA)
Page : 2 of 2
Version : A08


Similar Part No. - BZV79C8V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV79C8V2 TSC-BZV79C8V2 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C8V2 TSC-BZV79C8V2 Datasheet
178Kb / 4P
   Surface Mount Zener Voltage Regulator
More results

Similar Description - BZV79C8V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
Sensitron
1N6309 SENSITRON-1N6309 Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
Seme LAB
1N5221-LCC3 SEME-LAB-1N5221-LCC3 Datasheet
80Kb / 2P
   500mW ZENER VOLTAGE REGULATOR
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Diodes Incorporated
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com