Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C11K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C11K
Description  200mW,Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C11K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT52C11K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C11K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C11K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZT52C2V4K~BZT52C75K
200mW,Surface Mount Zener Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version,RoHS compliant
Min
Max
Min
Max
Case :SOD-523F small outline plastic package
0.70
0.90
0.028 0.035
1.50
1.70
0.059 0.067
0.25
0.40
0.010 0.016
1.10
1.30
0.043 0.051
0.60
0.70
0.024 0.028
0.10
0.14
0.004 0.006
Package code
Package
Packing
RK
SOD-523F 3K / 7" Reel
RKG
SOD-523F 3K / 7" Reel
Maximum Ratings
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
C
D
E
°C/W
°C
V
-55 to + 150
Dimensions
Unit (inch)
Unit (mm)
A
B
Zener I vs. V Characteristics
TJ, TSTG
F
Ordering Information
Rating at 25°C ambient temperature unless otherwise specified.
Pin Configutation
Suggested PAD Layout
Thermal Resistance (Junction to Ambient) (Note 1)
RθJA
Units
PD
mW
Type Number
Power Dissipation
Symbol
Value
200
Junction and Storage Temperature Range
VF
625
1
IF=10mA
SOD-523F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Wide zener voltage range selection : 2.4V to 75V
High temperature soldering guaranteed:260°C/10s
Polarity : Indicated by cathode band
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
BZT52C2V4K~75K
Weight :1.68±0.5 mg
Part No.
Forward Voltage
BZT52C2V4K~75K
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
Small Signal Diode
D
A
B
C
E
F
Version : A11


Similar Part No. - BZT52C11K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C11K TSC-BZT52C11K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
BZT52C11K TSC-BZT52C11K Datasheet
219Kb / 6P
   200mW, Surface Mount Zener SMD Zener Diode
More results

Similar Description - BZT52C11K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com